Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6712Q Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6712Q
Description  TWO-PHASE INTERLEAVED DC/DC CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6712Q Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6712Q Datasheet HTML 13Page - STMicroelectronics L6712Q Datasheet HTML 14Page - STMicroelectronics L6712Q Datasheet HTML 15Page - STMicroelectronics L6712Q Datasheet HTML 16Page - STMicroelectronics L6712Q Datasheet HTML 17Page - STMicroelectronics L6712Q Datasheet HTML 18Page - STMicroelectronics L6712Q Datasheet HTML 19Page - STMicroelectronics L6712Q Datasheet HTML 20Page - STMicroelectronics L6712Q Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
17/27
L6712A L6712
Figure 10. Soft Start.
INPUT CAPACITOR
The input capacitor is designed considering mainly the input RMS current that depends on the duty cycle
as reported in figure 11. Considering the two-phase topology, the input RMS current is highly reduced
comparing with a single-phase operation.
It can be observed that the input RMS value is one half of the single-phase equivalent input current in the
worst case condition that happens for D=0.25 and D=0.75.
The power dissipated by the input capacitance is then equal to:
Input capacitor is designed in order to sustain the ripple relative to the maximum load duty cycle. To reach
the RMS value needed and also to minimize components cost, the input capacitance is realized by more
than one physical capacitor. The equivalent RMS current is simply the sum of the single capacitor's RMS
current.
Input bulk capacitor must be equally divided between high-side drain mosfets and placed as close as pos-
sible to reduce switching noise above all during load transient. Ceramic capacitor can also introduce ben-
efits in high frequency noise de coupling, noise generated by parasitic components along power path.
Figure 11. Input RMS Current vs. Duty Cycle (D) and Driving Relationships.
VCC=VCCDR
VLGATEx
PGOOD
VOUT
t
t
t
t
Turn ON threshold
2048 Clock Cycles
Timing Diagram
Acquisition:
CH1=PGOOD; CH2=VOUT; CH3=REF_OUT
P
RMS
ESR
I
RMS
()
2
⋅
=
0.50
0.75
0.25
0.50
0.25
Single Phase
Dual Phase
Duty Cycle (VOUT/VIN)
I
rms
I
OUT
2
------------
2D
1
2D
–
()
⋅
if
D < 0.5
⋅
I
OUT
2
------------
2D
1
–
() 22D
–
()
⋅
if
D > 0.5
⋅
=
Where D = VOUT/VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com