Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6712Q Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6712Q
Description  TWO-PHASE INTERLEAVED DC/DC CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6712Q Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6712Q Datasheet HTML 15Page - STMicroelectronics L6712Q Datasheet HTML 16Page - STMicroelectronics L6712Q Datasheet HTML 17Page - STMicroelectronics L6712Q Datasheet HTML 18Page - STMicroelectronics L6712Q Datasheet HTML 19Page - STMicroelectronics L6712Q Datasheet HTML 20Page - STMicroelectronics L6712Q Datasheet HTML 21Page - STMicroelectronics L6712Q Datasheet HTML 22Page - STMicroelectronics L6712Q Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
19/27
L6712A L6712
worst case is the response time after removal of the load with the minimum output voltage programmed
and the maximum input voltage available.
MAIN CONTROL LOOP
The system control loop topology depends on the DROOP pin connection: if connected to FB (droop func-
tion active) an Average Current Mode topology must be considered while, if connected to GND (droop
function not active) a Voltage Mode topology must be considered instead.
Anyway, the system control loop encloses the Current Sharing control loop to allow proper sharing to the
inductor' currents. Each loop gives, with a proper gain, the correction to the PWMs in order to minimize
the error in its regulation: the Current Sharing control loop equalize the currents in the inductors while the
output voltage control loop fixes the output voltage equal to the reference programmed by VID (with or
without the droop effect and with or without considering the Remote Amplifier Gain). Figure 12 reports the
block diagram of the main control loop.
Figure 12. Main Control Loop Diagram
Current Sharing (CS) Control Loop
Active current sharing is implemented using the information from Trans conductance differential amplifier.
A current reference equal to the average of the read current (IAVG) is internally built; the error between the
read current and this reference is converted to a voltage with a proper gain and it is used to adjust the duty
cycle whose dominant value is set by the error amplifier at COMP pin (See fig. 13).
The current sharing control is a high bandwidth control loop allowing current sharing even during load transients.
The current sharing error is affected by the choice of external components; choose precise Rg resistor
(±1% is necessary) to sense the current. The current sharing error is internally dominated by the voltage
offset of Trans conductance differential amplifier; considering a voltage offset equal to 2mV across the
sense resistor, the current reading error is given by the following equation:
L1
L2
+
+
PWM1
1/5
+
-
1/5
IINFO2
IINFO1
4/5
ZF(S)
PWM2
CO
FB
COMP
RO
ERROR
AMPLIFIER
REFERENCE
PROGRAMMED
BY VID
CURRENT
SHARING
DUTY CYCLE
CORRECTION
RFB
D03IN1518
RA_Gain
∆I
READ
I
MAX
--------------------
2mV
R
SENSE IMAX
⋅
----------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com