Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3671 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3671
Description  2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3671 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3671 Datasheet HTML 1Page - National Semiconductor (TI) LM3671 Datasheet HTML 2Page - National Semiconductor (TI) LM3671 Datasheet HTML 3Page - National Semiconductor (TI) LM3671 Datasheet HTML 4Page - National Semiconductor (TI) LM3671 Datasheet HTML 5Page - National Semiconductor (TI) LM3671 Datasheet HTML 6Page - National Semiconductor (TI) LM3671 Datasheet HTML 7Page - National Semiconductor (TI) LM3671 Datasheet HTML 8Page - National Semiconductor (TI) LM3671 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Ordering Information
Voltage Option
Order Number
Spec
Package Marking
Supplied As
ADJ*
LM3671MF-ADJ
NOPB
SBTB
1000 units, Tape-and-Reel
LM3671MFX-ADJ
NOPB
3000 units, Tape-and-Reel
LM3671MF-ADJ
1000 units, Tape-and-Reel
LM3671MFX-ADJ
3000 units, Tape-and-Reel
1.2*
LM3671MF-1.2
NOPB
SBPB
1000 units, Tape-and-Reel
LM3671MFX-1.2
NOPB
3000 units, Tape-and-Reel
LM3671MF-1.2
1000 units, Tape-and-Reel
LM3671MFX-1.2
3000 units, Tape-and-Reel
1.25*
LM3671MF-1.25
NOPB
SDRB
1000 units, Tape-and-Reel
LM3671MFX-1.25
NOPB
3000 units, Tape-and-Reel
LM3671MF-1.25
1000 units, Tape-and-Reel
LM3671MFX-1.25
3000 units, Tape-and-Reel
1.375
LM3671MF-1.375
NOPB
SEDB
1000 units, Tape-and-Reel
LM3671MFX-1.375
NOPB
3000 units, Tape-and-Reel
LM3671MF-1.375
1000 units, Tape-and-Reel
LM3671MFX-1.375
3000 units, Tape-and-Reel
1.5
LM3671MF-1.5
NOPB
SBRB
1000 units, Tape-and-Reel
LM3671MFX-1.5
NOPB
3000 units, Tape-and-Reel
LM3671MF-1.5
1000 units, Tape-and-Reel
LM3671MFX-1.5
3000 units, Tape-and-Reel
1.6
LM3671MF-1.6
NOPB
SDUB
1000 units, Tape-and-Reel
LM3671MFX-1.6
NOPB
3000 units, Tape-and-Reel
LM3671MF-1.6
1000 units, Tape-and-Reel
LM3671MFX-1.6
3000 units, Tape-and-Reel
1.8
LM3671MF-1.8
NOPB
SBSB
1000 units, Tape-and-Reel
LM3671MFX-1.8
NOPB
3000 units, Tape-and-Reel
LM3671MF-1.8
1000 units, Tape-and-Reel
LM3671MFX-1.8
3000 units, Tape-and-Reel
1.875
LM3671MF-1.875
NOPB
SDVB
1000 units, Tape-and-Reel
LM3671MFX-1.875
NOPB
3000 units, Tape-and-Reel
LM3671MF-1.875
1000 units, Tape-and-Reel
LM3671MFX-1.875
3000 units, Tape-and-Reel
* ADJ, 1.2 and 1.25V to be released soon.Samples available now.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com