Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3671 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3671
Description  2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3671 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3671 Datasheet HTML 1Page - National Semiconductor (TI) LM3671 Datasheet HTML 2Page - National Semiconductor (TI) LM3671 Datasheet HTML 3Page - National Semiconductor (TI) LM3671 Datasheet HTML 4Page - National Semiconductor (TI) LM3671 Datasheet HTML 5Page - National Semiconductor (TI) LM3671 Datasheet HTML 6Page - National Semiconductor (TI) LM3671 Datasheet HTML 7Page - National Semiconductor (TI) LM3671 Datasheet HTML 8Page - National Semiconductor (TI) LM3671 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM3671
2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
General Description
The LM3671 step-down DC-DC converter is optimized for
powering ultra-low voltage circuits from a single Li-Ion cell or
3 cell NiMH/NiCd batteries. It provides up to 600mA load
current, over an input voltage range from 2.8V to 5.5V. There
are several different fixed voltage output options available as
well as an adjustable output voltage version.
The device offers superior features and performance for
mobile phones and similar portable applications with com-
plex power management systems. Automatic intelligent
switching between PWM low-noise and PFM low-current
mode offers improved system control. During full-power op-
eration, a fixed-frequency 2 MHz (typ). PWM mode drives
loads from
∼70 mA to 600 mA max. Hysteretic PFM mode
extends the battery life through reduction of the quiescent
current to 16 µA (typ) at light loads and system standby.
Internal synchronous rectification provides high efficiency. In
shutdown mode (Enable pin pulled low) the device turns off
and reduces battery consumption to 0.01 µA (typ).
The LM3671 is available in a SOT23-5 package with Pb and
No Pb (Lead free) versions. A high switching frequency - 2
MHz (typ) - allows use of tiny surface-mount components.
Only three external surface-mount components, an inductor
and two ceramic capacitors, are required.
Features
n
16 µA typical quiescent current
n
600 mA maximum load capability
n
2 MHz PWM fixed switching frequency (typ)
n
Automatic PFM/PWM mode switching
n
Available in fixed output voltages and adjustable version
n
SOT23-5 package
n
Internal synchronous rectification for high efficiency
n
Internal soft start
n
0.01 µA typical shutdown current
n
Operates from a single Li-Ion cell or 3 cell NiMH/NiCd
batteries
n
Only three tiny surface-mount external components
required (one inductor, two ceramic capacitors)
n
Current overload and Thermal shutdown protection
Applications
n
Mobile phones
n
PDAs
n
MP3 players
n
W-LAN
n
Portable instruments
n
Digital still cameras
n
Portable Hard disk drives
Typical Application Circuits
20108401
FIGURE 1. Typical Application Circuit
November 2004
© 2004 National Semiconductor Corporation
DS201084
www.national.com


Similar Part No. - LM3671

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3671 NSC-LM3671 Datasheet
7Mb / 24P
2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671 TI1-LM3671 Datasheet
6Mb / 39P
LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671-Q1 TI-LM3671-Q1 Datasheet
6Mb / 36P
LM3671/-Q1 2-MHz, 600-mA Step-Down DC-DC Converter6
logo
National Semiconductor ...
LM3671LC-1.2 NSC-LM3671LC-1.2 Datasheet
7Mb / 24P
2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671LC-1.2/NOPB TI1-LM3671LC-1.2/NOPB Datasheet
6Mb / 39P
LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
More results

Similar Description - LM3671

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
2MHz, 600mA Step-Down DC-DC Converter with Mode Control
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
2MHz, 600mA Step-Down DC-DC Converter
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671 TI1-LM3671 Datasheet
6Mb / 39P
LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
2MHz, 600mA Step-Down DC-DC Converter with Mode Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com