Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3671 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3671
Description  2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3671 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3671 Datasheet HTML 8Page - National Semiconductor (TI) LM3671 Datasheet HTML 9Page - National Semiconductor (TI) LM3671 Datasheet HTML 10Page - National Semiconductor (TI) LM3671 Datasheet HTML 11Page - National Semiconductor (TI) LM3671 Datasheet HTML 12Page - National Semiconductor (TI) LM3671 Datasheet HTML 13Page - National Semiconductor (TI) LM3671 Datasheet HTML 14Page - National Semiconductor (TI) LM3671 Datasheet HTML 15Page - National Semiconductor (TI) LM3671 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Application Information (Continued)
LM3671-ADJ configurations for various V
OUT
V
OUT(V)
R1(k
Ω)R2 (kΩ)
C1 (pF)
C2 (pF)
L (µH)
C
IN (µF)
C
OUT(µF)
0.7
54.9
137
68
27
2.2
10
22
0.8
118
196
33
none
2.2
10
22
0.9
162
200
22
none
2.2
10
22
1.0
200
200
18
none
2.2
10
22
1.1
191
158
18
none
2.2
10
22
1.2
280
200
12
none
2.2
10
22
1.5
360
180
10
none
2.2
10
22
1.6
442
200
8.2
none
2.2
10
22
1.7
432
180
8.2
none
2.2
10
22
1.875
523
191
6.8
none
2.2
10
22
2.5
402
100
8.2
none
2.2
10
22
3.3
562
100
6.8
33
2.2
10
22
INDUCTOR SELECTION
There are two main considerations when choosing an induc-
tor; the inductor should not saturate, and the inductor current
ripple is small enough to achieve the desired output voltage
ripple. Different saturation current rating specs are followed
by different manufacturers so attention must be given to
details. Saturation current ratings are typically specified at
25˚C so ratings at max ambient temperature of application
should be requested from manufacturer.
There are two methods to choose the inductor saturation
current rating.
Method 1:
The saturation current is greater than the sum of the maxi-
mum load current and the worst case average to peak
inductor current. This can be written as
•
I
RIPPLE: average to peak inductor current
•
I
OUTMAX: maximum load current (600mA)
•
V
IN: maximum input voltage in application
•
L : min inductor value including worst case tolerances
(30% drop can be considered for method 1)
•
f : minimum switching frequency (1.6Mhz)
•
V
OUT: output voltage
Method 2:
A more conservative and recommended approach is to
choose an inductor that has saturation current rating greater
than the max current limit of 1150mA.
A 2.2 µH inductor with a saturation current rating of at least
1150 mA is recommended for most applications.The induc-
tor’s resistance should be less than 0.3
Ω for good efficiency.
Table 1 lists suggested inductors and suppliers. For low-cost
applications, an unshielded bobbin inductor could be consid-
ered. For noise critical applications, a toroidal or shielded-
bobbin inductor should be used. A good practice is to lay out
the board with overlapping footprints of both types for design
flexibility. This allows substitution of a low-noise shielded
inductor, in the event that noise from low-cost bobbin models
is unacceptable.
INPUT CAPACITOR SELECTION
A ceramic input capacitor of 10 µF, 6.3V is sufficient for most
applications. Place the input capacitor as close as possible
to the V
IN pin of the device. A larger value may be used for
improved input voltage filtering. Use X7R or X5R types, do
not use Y5V. DC bias characteristics of ceramic capacitors
must be considered when selecting case sizes like 0805 and
0603. The input filter capacitor supplies current to the PFET
switch of the LM3671 in the first half of each cycle and
reduces voltage ripple imposed on the input power source. A
ceramic capacitor’s low ESR provides the best noise filtering
of the input voltage spikes due to this rapidly changing
current. Select a capacitor with sufficient ripple current rat-
ing. The input current ripple can be calculated as:
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com