Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3671 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3671
Description  2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3671 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3671 Datasheet HTML 8Page - National Semiconductor (TI) LM3671 Datasheet HTML 9Page - National Semiconductor (TI) LM3671 Datasheet HTML 10Page - National Semiconductor (TI) LM3671 Datasheet HTML 11Page - National Semiconductor (TI) LM3671 Datasheet HTML 12Page - National Semiconductor (TI) LM3671 Datasheet HTML 13Page - National Semiconductor (TI) LM3671 Datasheet HTML 14Page - National Semiconductor (TI) LM3671 Datasheet HTML 15Page - National Semiconductor (TI) LM3671 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Operation Description (Continued)
tions when the supply is less than 2.8V. Do not leave the EN
pin floating. Do not tie EN pin to V
IN when powering up
LM3671-ADJ (V
OUT
≥ 2.5V) with a slow input supply ramp.
SOFT START
The LM3671 has a soft-start circuit that limits in-rush current
during start-up. During start-up the switch current limit is
increased in steps. Soft start is activated only if EN goes
from logic low to logic high after Vin reaches 2.8V. Soft start
is implemented by increasing switch current limit in steps of
70mA, 140mA, 280mA and 1020mA (typ. switch current
limit). The start-up time thereby depends on the output ca-
pacitor and load current demanded at start-up. Typical
start-up times with 22µF output capacitor and 300mA load
current is 400 µs and with 1mA load current its 275µs.
LDO - LOW DROP OUT OPERATION
The LM3671-ADJ can operate at 100% duty cycle (no
switching, PMOS switch completely on) for low drop out
support of the output voltage. In this way the output voltage
will be controlled down to the lowest possible input voltage.
The minimum input voltage needed to support the output
voltage is
V
IN, MIN =ILOAD * (RDSON, PFET +RINDUCTOR)+VOUT
• I
LOAD
Load current
• R
DSON, PFET
Drain to source resistance of
PFET switch in the triode region
• R
INDUCTOR
Inductor resistance
Application Information
OUTPUT VOLTAGE SELECTION FOR LM3671-ADJ
The output voltage of the adjustable parts can be pro-
grammed through the resistor network connected from V
OUT
to FB then to GND. V
OUT will be adjusted to make the
voltage at FB equal to 0.5V. The resistor from FB to GND
(R2) should be 200 k
Ω to keep the current drawn through
this network well below the 16 µA quiescent current level
(PFM mode) but large enough that it is not susceptible to
noise. If R2 is 200 k
Ω, and given the V
FB is 0.5V, the current
through the resistor feedback network will be 2.5 µA.
The formula for output voltage selection is:
•
V
OUT: output voltage (volts)
•
V
FB : feedback voltage = 0.5V
•
R1: feedback resistor from V
OUT to FB
•
R2: feedback resistor from FB to GND
For any output voltage greater than or equal to 0.8V a zero
must be added around 45 kHz for stability. The formula for
calculation of C1 is:
For output voltages between 0.7 and 0.8V and output volt-
ages higher than 2.5V a pole must be placed at 45 kHz as
well. The lowest output voltage possible is 0.7V. At low
output voltages the duty cycle is very small; in addition as the
input voltage increases the duty cycle decreases even fur-
ther. Since the duty cycle is so low it is very susceptible to
noise. C1 and C2 act as noise filters at this point rather than
frequency poles and zeroes. If the pole and zero are at the
same frequency the formula for calculation of C2 is:
The formula for location of zero and pole frequency created
by adding C1,C2 are given below. It can be seen that by
adding C1, a zero as well as a higher frequency pole is
introduced.
See the "LM3671-ADJ configurations for various V
OUT"
table.These values are subject to change when the LM3671-
ADJ part is released.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com