Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3671 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3671
Description  2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3671 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3671 Datasheet HTML 7Page - National Semiconductor (TI) LM3671 Datasheet HTML 8Page - National Semiconductor (TI) LM3671 Datasheet HTML 9Page - National Semiconductor (TI) LM3671 Datasheet HTML 10Page - National Semiconductor (TI) LM3671 Datasheet HTML 11Page - National Semiconductor (TI) LM3671 Datasheet HTML 12Page - National Semiconductor (TI) LM3671 Datasheet HTML 13Page - National Semiconductor (TI) LM3671 Datasheet HTML 14Page - National Semiconductor (TI) LM3671 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Operation Description (Continued)
During PFM operation, the converter positions the output
voltage slightly higher than the nominal output voltage during
PWM operation, allowing additional headroom for voltage
drop during a load transient from light to heavy load. The
PFM comparators sense the output voltage via the feedback
pin and control the switching of the output FETs such that the
output voltage ramps between ~0.6% and ~1.7% above the
nominal PWM output voltage. If the output voltage is below
the ‘high’ PFM comparator threshold, the PMOS power
switch is turned on. It remains on until the output voltage
reaches the ‘high’ PFM threshold or the peak current ex-
ceeds the I
PFM level set for PFM mode. The typical peak
current in PFM mode is: I
PFM = 112mA + VIN/27
Ω .
Once the PMOS power switch is turned off, the NMOS
power switch is turned on until the inductor current ramps to
zero. When the NMOS zero-current condition is detected,
the NMOS power switch is turned off. If the output voltage is
below the ‘high’ PFM comparator threshold (see Figure 7),
the PMOS switch is again turned on and the cycle is re-
peated until the output reaches the desired level. Once the
output reaches the ‘high’ PFM threshold, the NMOS switch is
turned on briefly to ramp the inductor current to zero and
then both output switches are turned off and the part enters
an extremely low power mode. Quiescent supply current
during this ‘sleep’ mode is 16µA (typ), which allows the part
to achieve high efficiencies under extremely light load con-
ditions. When the output drops below the ‘low’ PFM thresh-
old, the cycle repeats to restore the output voltage (average
voltage in pfm mode) to
∼1.15% above the nominal PWM
output voltage.
If the load current should increase during PFM mode (see
Figure 7) causing the output voltage to fall below the ‘low2’
PFM threshold, the part will automatically transition into
fixed-frequency PWM mode. When V
IN =2.8V the part tran-
sitions from PWM to PFM mode at ~35mA output current
and from PFM to PWM mode at ~85mA , when V
IN=3.6V,
PWM to PFM transition happens at ~50mA and PFM to
PWM transition happens at ~100mA, when V
IN =4.5V, PWM
to PFM transition happens at ~65mA and PFM to PWM
transition happens at ~115mA.
SHUTDOWN MODE
Setting the EN input pin low (<0.4V) places the LM3671 in
shutdown mode. During shutdown the PFET switch, NFET
switch, reference, control and bias circuitry of the LM3671
are turned off. Setting EN high (>1.0V) enables normal
operation. While turning on the device with EN, soft start is
activated. It is recommended to set EN pin low to turn off the
LM3671 during system power up and undervoltage condi-
20108422
FIGURE 6. Typical PFM Operation
20108403
FIGURE 7. Operation in PFM Mode and Transfer to PWM Mode
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com