Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3909T-E/SS Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP3909T-E/SS
Description  Energy Metering IC with SPI Interface and Active Power Pulse Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3909T-E/SS Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP3909T-E/SS Datasheet HTML 17Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 18Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 19Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 20Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 21Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 22Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 23Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 24Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
 2006-2012 Microchip Technology Inc.
DS22025C-page 21
MCP3909
The multiplier output gives the product of the two
high-pass filtered channels, corresponding to instanta-
neous real power. Multiplying two sine wave signals by
the same ω frequency gives a DC component and a 2ω
component. The instantaneous power signal contains
the real power of its DC component, while also contain-
ing 2ω components coming from the line frequency
multiplication. These 2ω components come for the line
frequency (and its harmonics) and must be removed in
order to extract the real-power information. This is
accomplished using the low-pass filter and DTF
converter.
4.7
Active Power Low-Pass Filter and
DTF Converter
For the active power signal calculation, the MCP3909
uses a digital low-pass filter. This low-pass filter is a
first-order IIR filter, which is used to extract the active
real-power information (DC component) from the
instantaneous power signal. The magnitude response
of this filter is detailed in Figure 4-5. Due to the fact that
the instantaneous power signal has harmonic content
(coming from the 2
 components of the inputs), and
since the filter is not ideal, there will be some ripple at
the output of the low-pass filter at the harmonics of the
line frequency.
The cut-off frequency of the filter (8.9 Hz) has been
chosen to have sufficient rejection for commonly-used
line frequencies (50 Hz and 60 Hz). With a standard
input clock (MCLK = 3.58 MHz) and a 50 Hz line fre-
quency, the rejection of the 2ω component (100 Hz) will
be more than 20 dB. This equates to a 2ω component
containing 10 times less power than the main DC com-
ponent (i.e., the average active real power).
FIGURE 4-5:
LPF1 Magnitude Response
(MCLK = 3.58 MHz).
The output of the low-pass filter is accumulated in the
digital-to-frequency converter. This accumulation is
compared to a different digital threshold for FOUT0/1
and HFOUT, representing a quantity of real energy mea-
sured by the part. Every time the digital threshold on
FOUT0/1 or HFOUT is crossed, the part will output a
pulse (See Section 4.8 “Active Power FOUT0/1 and
HFOUT Output Frequencies”).
The equivalent quantity of real energy required to out-
put a pulse is much larger for the FOUT0/1 outputs than
the HFOUT. This is such that the integration period for
the FOUT0/1 outputs is much larger. This larger integra-
tion period acts as another low-pass filter so that the
output ripple due to the 2ω components is minimal.
However, these components are not totally removed,
since realized low-pass filters are never ideal. This will
create a small jitter in the output frequency. Averaging
the output pulses with a counter or a MCU in the appli-
cation will then remove the small sinusoidal content of
the output frequency and filter out the remaining 2
ripple.
HFOUT is intended to be used for calibration purposes
due to its instantaneous power content. The shorter
integration period of HFOUT demands that the 2ω com-
ponent be given more attention. Since a sinusoidal sig-
nal average is zero, averaging the HFOUT signal in
steady-state conditions will give the proper real energy
value.
-40
-35
-30
-25
-20
-15
-10
-5
0
0.1
1
10
100
1000
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com