Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3909T-E/SS Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP3909T-E/SS
Description  Energy Metering IC with SPI Interface and Active Power Pulse Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3909T-E/SS Datasheet(HTML) 3 Page - Microchip Technology

  MCP3909T-E/SS Datasheet HTML 1Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 2Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 3Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 4Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 5Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 6Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 7Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 8Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
 2006-2012 Microchip Technology Inc.
DS22025C-page 3
MCP3909
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD...................................................................................7.0V
Digital inputs and outputs w.r.t. AGND....... -0.6V to VDD +0.6V
Analog input w.r.t. AGND..................................... ....-6V to +6V
VREF input w.r.t. AGND.............................. -0.6V to VDD +0.6V
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-65°C to +125°C
Soldering temperature of leads (10 seconds) ............. +300°C
ESD on the analog inputs (HBM,MM) ................. 5.0 kV, 500V
ESD on all other pins (HBM,MM) ........................5.0 kV, 500V
† Notice: Stresses above those listed under "Maximum Rat-
ings" may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operation listings of this specification is not implied. Exposure
to maximum rating conditions for extended periods may affect
device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all parameters apply at AVDD = DVDD = 4.5V to 5.5V,
Internal VREF, HPF turned on (AC mode), AGND, DGND = 0V, MCLK = 3.58 MHz; TA = -40°C to +85°C.
Parameter
Sym
Min
Typ.
Max
Units
Comment
Active Power Measurement Accuracy
Active Energy Measurement
Error
E—
0.1
—
% FOUT Channel 0 swings 1000:1 range,
FOUT0, FOUT1 Frequency outputs
only, does not apply to serial
interface data. (Note 1, Note 4)
No-Load Threshold/
Minimum Load
NLT
—
0.0015
—
% FOUT
Max
Frequency outputs only, does not
apply to serial interface data.
Disabled when F2, F1, F0 = 0, 1, 1
(Note 5, Note 6)
System Gain Error
—
1
5
% FOUT (Note 2, Note 5)
AC Power Supply Rejection
(output frequency variation)
AC PSRR
—
0.01
—
% FOUT F2, F1, F0 = 0, 1, 1 (Note 3)
DC Power Supply Rejection
(output frequency variation)
DC PSRR
—
0.01
—
% FOUT HPF = 1, Gain = 1 (Note 3)
Waveform Sampling
A/D Converter Signal-to-
Noise and Distortion Ratio
SINAD
—
81
—
dB
Applies to both channels,
VIN = 0 dBFS at 50 Hz
(VIN = Full Scale)
Bandwidth
(Notch Frequency)
—
14
—
kHz
Applies to both channels,
MCLK/256
Phase Delay Between
Channels
—
—
1/MCLK
s
HPF = 0 and 1, < 1 MCLK period
(Note 4, Note 6, Note 7)
Note 1:
Measurement error = (Energy Measured By Device - True Energy)/True Energy * 100%. Accuracy is mea-
sured with signal (±660 mV) on Channel 1. FOUT0, FOUT1 pulse outputs. Valid from 45 Hz to 75 Hz. See
typical performance curves for higher frequencies and increased dynamic range. This parameter is not
100% production tested.
2:
Does not include internal VREF. Gain = 1, CH0 = 470 mVDC, CH1 = 660 mVDC, difference between
measured output frequency and expected transfer function.
3:
Percent of HFOUT output frequency variation; Includes external VREF = 2.5V, CH1 = 100 mVRMS @ 50 Hz,
CH2 = 100 mVRMS @ 50 Hz, AVDD = 5V + 1 Vpp @ 100 Hz. DC PSRR: 5V ±500 mV
4:
Error applies down to 60 degree lead (PF = 0.5 capacitive) and 60 degree lag (PF = 0.5 inductive).
5:
Refer to Section 4.0 “Device Overview” for complete description.
6:
Specified by characterization, not production tested.
7:
1 MCLK period at 3.58 MHz is equivalent to less than < 0.005 degrees at 50 or 60 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com