Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3909T-E/SS Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP3909T-E/SS
Description  Energy Metering IC with SPI Interface and Active Power Pulse Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3909T-E/SS Datasheet(HTML) 2 Page - Microchip Technology

  MCP3909T-E/SS Datasheet HTML 1Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 2Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 3Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 4Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 5Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 6Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 7Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 8Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
MCP3909
DS22025C-page 2
 2006-2012 Microchip Technology Inc.
Functional Block Diagram
16-bit
 ADC
+
–
CH0+
CH0-
Reference
2.4V
+
–
CH1+
CH1-
HPF1
LPF1
DTF
conversion
REFIN/OUT
FOUT1
HFOUT
G0 G1
F2/SCK F1/SDI
FOUT0
OSC1 OSC2
NEG/SDO
HPF
F0/CS
Multi-level
16-bit
 ADC
Multi-level
X
PGA
Serial Control
Buffers
And Output
Stepper Motor
Output Drive
Active Power
SPI
Interface
Dual Functionality Pin
Control
20
16
16
16
16
MCLR
Sub-system
Clock
for
Active Power
HPF1
4k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com