Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3909T-E/SS Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP3909T-E/SS
Description  Energy Metering IC with SPI Interface and Active Power Pulse Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3909T-E/SS Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP3909T-E/SS Datasheet HTML 23Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 24Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 25Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 26Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 27Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 28Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 29Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 30Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
 2006-2012 Microchip Technology Inc.
DS22025C-page 27
MCP3909
5.4
Dual Channel Output Mode
This mode allows the user to retrieve the individual
channel information from the ADC outputs. The ADC
outputs of both channels are synchronized together
and their data ready is represented by the data ready
pulse on SDO. If the ADC output values are not clocked
out of the device, they will be over-written. A 32-bit data
word is given, each channel is 16 bits (15 bits + sign),
presented in 2's complement coding. Channel 1 comes
first then channel 0.
A data ready flag (DR) is output for every MCLK / 256
clock cycles and a new filter output value is ready. If the
dual channel output values are not clocked, and is not
clocked out of the device, they will be over-written.
The following formulas relate the channel input volt-
ages to their respective output code. The code locks to
+32767 on the positive side, and to -32768 on the
negative side.
EQUATION 5-2:
5.5
High-Pass Filter Control
There are two options for the channel output data. The
first options collects the channel data pre-high pass
filter, or the output of the SINC filter of the delta sigma
modulator. The second option collects the channel data
post high pass filter. It is important to note that the
HPF pin controls the state of the high pass filter for this
second option. If the HPF pin is low, the post high pass
filter mode will output all zero's. This HPF pin must be
high to access the post HPF data in the channel output
mode.
Channel 1 Code
VIN+ VIN-
–

VREF
------------------------------------ 32768
8.06
0.47
0.66
-----------


=
Channel 0 Code
VIN+ VIN-
–

VREF
------------------------------------



32768
8.06
0.66
0.47
-----------

 PGA
=
TABLE 5-3:
CHANNEL OUTPUT MODE
CODING
Binary
Decimal
0 111 1111 1111 1111
+ 32,767
0 111 1111 1111 1110
+ 32,766
0 000 0000 0000 0000
0
1 111 1111 1111 1111
-1
1 000 0000 0000 0001
- 32,767
1 000 0000 0000 0000
- 32,768



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com