Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3909T-E/SS Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP3909T-E/SS
Description  Energy Metering IC with SPI Interface and Active Power Pulse Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3909T-E/SS Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP3909T-E/SS Datasheet HTML 18Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 19Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 20Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 21Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 22Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 23Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 24Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 25Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
MCP3909
DS22025C-page 22
 2006-2012 Microchip Technology Inc.
4.8
Active Power FOUT0/1 and HFOUT
Output Frequencies
The thresholds for the accumulated energy are differ-
ent for FOUT0/1 and HFOUT (i.e., they have different
transfer functions). The FOUT0/1 allowed output fre-
quencies are quite low in order to allow superior inte-
gration time (see Section 4.7 “Active Power Low-
Pass Filter and DTF Converter”). The FOUT0/1 output
frequency can be calculated with the following
equation:
EQUATION 4-1:
FOUT FREQUENCY
OUTPUT EQUATION
For a given DC input V, the DC and RMS values are
equivalent. For a given AC input signal with amplitude
of V, the equivalent RMS value is V/ sqrt(2), assuming
purely sinusoidal signals. Note that since the real
power is the product of two RMS inputs, the output fre-
quencies of AC signals are half of the DC inputs ones,
again assuming purely sinusoidal AC signals. The
constant FC depends on the FOUT0 and FOUT1 digital
settings. Table 4-2 shows FOUT0/1 output frequencies
for the different logic settings.
The high-frequency output HFOUT has lower integra-
tion times and, thus, higher frequencies. The output fre-
quency value can be calculated with the following
equation:
FOUT Hz

8.06 V0
V1
GFC
VREF

2
-----------------------------------------------------------
=
Where:
V0 = the RMS differential voltage on
Channel 0
V1 = the RMS differential voltage on
Channel 1
G = the PGA gain on Channel 0 (current
channel)
FC = the frequency constant selected
VREF = the voltage reference
TABLE 4-2:
ACTIVE POWER OUTPUT FREQUENCY CONSTANT FC FOR FOUT0/1 (VREF =2.4V)
F1
F0
FC (Hz)
FC (Hz)
(MCLK = 3.58 MHz)
FOUT Frequency (Hz)
with Full-Scale
DC Inputs
FOUT Frequency (Hz)
with Full-Scale
AC Inputs
00
MCLK/221
1.71
0.74
0.37
01
MCLK/220
3.41
1.48
0.74
10
MCLK/219
6.83
2.96
1.48
11
MCLK/218
13.66
5.93
2.96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com