Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB72 Datasheet(PDF) 216 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 216 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 212Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 213Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 214Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 215Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 216Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 217Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 218Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 219Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 220Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
6.6.3
Multiport Full-Speed Universal Serial Bus (USB) Interface
The OMAP3530/25 processor provides three USB ports working in full- and low-speed data transactions
(up to 12Mbit/s).
Connected to either a serial link controller (TLL modes) or a serial PHY (PHY interface modes) it supports:
•
6-pin (Tx: Dat/Se0 or Tx: Dp/Dm) unidirectional mode
•
4-pin bidirectional mode
•
3-pin bidirectional mode
6.6.3.1
Multiport Full-Speed Universal Serial Bus (USB) – Unidirectional Standard 6-pin Mode
Table 6-78 and Table 6-79 assume testing over the recommended operating conditions (see Figure 6-43).
Table 6-77. Low-/Full-Speed USB Timing Conditions – Unidirectional Standard 6-pin Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
2.0
ns
tF
Input signal fall time
2.0
ns
Output Conditions
CLOAD
Output load capacitance
15.0
pF
Table 6-78. Low-/Full-Speed USB Timing Requirements – Unidirectional Standard 6-pin Mode
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
FSU1
td(Vp,Vm)
Time duration, mmx_rxdp and mmx_rxdm low together during
14.0
14.0
ns
transition
FSU2
td(Vp,Vm)
Time duration, mmx_rxdp and mmx_rxdm high together during
8.0
8.0
ns
transition
FSU3
td(RCVU0)
Time duration, mmx_rrxcv undefine during a single end 0
14.0
14.0
ns
(mmx_rxdp and mmx_rxdm low together)
FSU4
td(RCVU1)
Time duration, mmx_rxrcv undefine during a single end 1
8.0
8.0
ns
(mmx_rxdp and mmx_rxdm high together)
Table 6-79. Low-/Full-Speed USB Switching Characteristics – Unidirectional Standard 6-pin Mode
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
FSU5
td(TXENL-DATV)
Delay time, mmx_txen_n low to mmx_txdat valid
81.8
84.8
81.8
84.8
ns
FSU6
td(TXENL-SE0V)
Delay time, mmx_txen_n low to mmx_txse0 valid
81.8
84.8
81.8
84.8
ns
FSU7
ts(DAT-SE0)
Skew between mmx_txdat and mmx_txse0 transition
1.5
1.5
ns
FSU8
td(DATI-TXENH)
Delay time, mmx_txdat invalid to mmx_txen_n high
81.8
81.8
ns
FSU9
td(SE0I-TXENH)
Delay time, mmx_txse0 invalid to mmx_txen_n high
81.8
81.8
ns
tR(do)
Rise time, mmx_txen_n
4.0
4.0
ns
tF(do)
Fall time, mmx_txen_n
4.0
4.0
ns
tR(do)
Rise time, mmx_txdat
4.0
4.0
ns
tF(do)
Fall time, mmx_txdat
4.0
4.0
ns
tR(do)
Rise time, mmx_txse0
4.0
4.0
ns
tF(do)
Fall time, mmx_txse0
4.0
4.0
ns
216
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com