Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB72 Datasheet(PDF) 218 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 218 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 214Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 215Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 216Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 217Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 218Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 219Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 220Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 221Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 222Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 265 page
background image
mmx_txen_n
mmx_txdat
mmx_txse0
mmx_rxrcv
FSU16
FSU14
FSU15
FSU10
FSU10
FSU11
FSU11
FSU12
FSU13
FSU17
FSU18
Transmit
Receive
030-081
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 6-82. Low-/Full-Speed USB Switching Characteristics – Bidirectional Standard 4-pin
Mode (continued)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
FSU18
td(SE0V-TXENH)
Delay time, mmx_txse0 invalid before mmx_txen_n
81.8
81.8
ns
high
tR(txen)
Rise time, mmx_txen_n
4.0
4.0
ns
tF(txen)
Fall time, mmx_txen_n
4.0
4.0
ns
tR(dat)
Rise time, mmx_txdat
4.0
4.0
ns
tF(dat)
Fall time, mmx_txdat
4.0
4.0
ns
tR(se0)
Rise time, mmx_txse0
4.0
4.0
ns
tF(se0)
Fall time, mmx_txse0
4.0
4.0
ns
In mmx, x is equal to 0, 1, or 2.
Figure 6-44. Low-/Full-Speed USB – Bidirectional Standard 4-pin Mode
6.6.3.3
Multiport Full-Speed Universal Serial Bus (USB) – Bidirectional Standard 3-pin Mode
Table 6-84 and Table 6-85 assume testing over the recommended operating conditions below (see
Figure 6-45).
Table 6-83. Low-/Full-Speed USB Timing Conditions – Bidirectional Standard 3-pin Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
2.0
ns
tF
Input signal fall time
2.0
ns
Output Conditions
CLOAD
Output load capacitance
15.0
pF
Table 6-84. Low-/Full-Speed USB Timing Requirements – Bidirectional Standard 3-pin Mode
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
FSU19
td(DAT,SE0)
Time duration, mmx_txdat and mmx_txse0 low together
14.0
14.0
ns
during transition
FSU20
td(DAT,SE0)
Time duration, mmx_tsdat and mmx_txse0 high
8.0
8.0
ns
together during transition
218
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com