Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB72 Datasheet(PDF) 222 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 222 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 218Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 219Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 220Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 221Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 222Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 223Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 224Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 225Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 226Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 265 page
background image
mmx_txen_n
mmx_txdat
mmx_txse0
FSUT21
FSUT19
FSUT20
FSUT17
FSUT17
FSUT18
FSUT18
FSUT22
FSUT23
Transmit
Receive
030-085
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 6-92. Low-/Full-Speed USB Timing Conditions – Bidirectional TLL 3-pin Mode (continued)
TIMING CONDITION PARAMETER
VALUE
UNIT
CLOAD
Output load capacitance
15
pF
Table 6-93. Low-/Full-Speed USB Timing Requirements – Bidirectional TLL 3-pin Mode
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
FSUT17
td(DAT,SE0)
Time duration, mmx_txdat and mmx_txse0 low
14
14
ns
together during transition
FSUT18
td(DAT,SE0)
Time duration, mmx_tsdat and mmx_txse0 high
8
8
ns
together during transition
Table 6-94. Low-/Full-Speed USB Switching Characteristics – Bidirectional TLL 3-pin Mode
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
FSUT19
td(TXENH-DATV)
Delay time, mmx_txen_n high to mmx_txdat valid
81.8
84.8
81.8
84.8
ns
FSUT20
td(TXENH-SE0V)
Delay time, mmx_txen_n high to mmx_txse0 valid
81.8
84.8
81.8
84.8
ns
FSUT21
ts(DAT-SE0)
Skew between mmx_txdat and mmx_txse0
1.5
1.5
ns
transition
FSUT22
td(DATI-TXENL)
Delay time, mmx_txdat invalid mmx_txen_n low
81.8
81.8
ns
FSUT23
td(SE0I-TXENL)
Delay time, mmx_txse0 invalid mmx_txen_n low
81.8
81.8
ns
tR(dat)
Rise time, mmx_txdat
4
4
ns
tF(dat)
Fall time, mmx_txdat
4
4
ns
tR(se0)
Rise time, mmx_txse0
4
4
ns
tF(se0)
Fall time, mmx_txse0
4
4
ns
tR(do)
Rise time, mmx_txse0
4
4
ns
tF(do)
Fall time, mmx_txse0
4
4
ns
In mmx, x is equal to 0, 1, or 2.
Figure 6-48. Low-/Full-Speed USB – Bidirectional TLL 3-pin Mode
6.6.4
Multiport High-Speed Universal Serial Bus (USB) Timing
In addition to the full-speed USB controller, a high-speed (HS) USB OTG controller is instantiated inside
OMAP3530/25. It allows high-speed transactions (up to 480 Mbit/s) on the USB ports 0, 1, 2, and 3.
•
Port 0:
–
12-bit slave mode (SDR)
•
Port 1 and port 2:
–
12-bit master mode (SDR)
–
12-bit TLL master mode (SDR)
–
8-bit TLL master mode (DDR)
222
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com