Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB72 Datasheet(PDF) 225 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 225 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 221Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 222Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 223Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 224Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 225Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 226Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 227Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 228Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 229Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 265 page
background image
hsusbx_clk
hsusbx_stp
hsusbx_dir_&_nxt
hsusbx_data[7:0]
Data_OUT
Data_IN
HSU1
HSU0
HSU1
HSU4
HSU2
HSU2
HSU6
HSU3
HSU5
030-087
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 6-100. High-Speed USB Switching Characteristics – 12-bit Master Mode(1) (continued)
N O.
PARAMETER
1.15 V
UNIT
MIN
MAX
td(clkL-DIV)
Delay time, hsusbx_clk high to output hsusbx_data[0:7] invalid
2
ns
tR(do)
Rise time, output signals
2
ns
tF(do)
Fall time, output signals
2
ns
In hsusbx, x is equal to 1 or 2.
Figure 6-50. High-Speed USB – 12-bit Master Mode
6.6.4.3
High-Speed Universal Serial Bus (USB) on Ports 1, 2, and 3 – 12-bit TLL Master Mode
Table 6-102 and Table 6-103 assume testing over the recommended operating conditions (see Figure 6-
51).
Table 6-101. High-Speed USB Timing Conditions – 12-bit TLL Master Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
2
ns
tF
Input signal fall time
2
ns
Output Conditions
CLOAD
Output load capacitance
3
pF
Table 6-102. High-Speed USB Timing Requirements – 12-bit TLL Master Mode(1)
NO.
PARAMETER
1.15 V
UNIT
MIN
MAX
HSU2
ts(STPV-CLKH)
Setup time, hsusbx_tll_stp valid before hsusbx_tll_clk rising edge
6
ns
HSU3
ts(CLKH-STPIV)
Hold time, hsusbx_tll_stp valid after hsusbx_tll_clk rising edge
0
ns
HSU4
ts(DATAV-CLKH)
Setup time, hsusbx_tll_data[7:0] valid before hsusbx_tll_clk rising edge
6
ns
HSU5
th(CLKH-DATIV)
Hold time, hsusbx_tll_data[7:0] valid after hsusbx_tll_clk rising edge
0
ns
(1)
In hsusbx, x is equal to 1, 2, or 3.
Table 6-103. High-Speed USB Switching Characteristics – 12-bit TLL Master Mode(1)
NO.
PARAMETER
1.15 V
UNIT
MIN
MAX
HSU0
fp(CLK)
hsusbx_tll_clk clock frequency
60
MHz
(1)
In hsusbx, x is equal to 1, 2, or 3.
Copyright © 2008–2013, Texas Instruments Incorporated
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
225
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com