Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB72 Datasheet(PDF) 228 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 228 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 224Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 225Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 226Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 227Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 228Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 229Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 230Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 231Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 232Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
6.6.5
I
2C Interface
The multimaster I2C peripheral provides an interface between two or more devices via an I2C serial bus.
The I2C controller supports the multimaster mode which allows more than one device capable of
controlling the bus to be connected to it. Each I2C device is recognized by a unique address and can
operate as either transmitter or receiver, according to the function of the device. In addition to being a
transmitter or receiver, a device connected to the I2C bus can also be considered as master or slave when
performing data transfers. This data transfer is carried out via two serial bidirectional wires:
•
An SDA data line
•
An SCL clock line
The following sections illustrate the data transfer is in master or slave configuration with 7-bit addressing
format. The I2C interface is compliant with Philips I2C specification version 2.1. It supports standard mode
(up to 100K bits/s), fast mode (up to 400K bits/s) and high-speed mode (up to 3.4Mb/s) .
6.6.5.1
I2C Standard/Fast-Speed Mode
Table 6-107. I2C Standard/Fast-Speed Mode Timings
NO.
PARAMETER(1)
Standard Mode
Fast Mode
UNIT
MIN
MAX
MIN
MAX
fSCL
Clock Frequency, i2cX_scl
100
400
kHz
I1
tw(SCLH)
Pulse Duration, i2cX_scl high
4
0.6
μs
I2
tw(SCLL)
Pulse Duration, i2cX_scl low
4.7
1.3
μs
I3
tsu(SDAV-SCLH)
Setup time, i2cX_sda valid before i2cX_scl active level
250
100(2)
ns
I4
th(SCLH–SDAV)
Hold time, i2cX_sda valid after i2cX_scl active level
0(3)
3.45(4)
0(3)
0.9(4)
μs
I5
tsu(SDAL-SCLH)
Setup time, i2cX_scl high after i2cX_sda low (for a
4.7
0.6
μs
START(5) condition or a repeated START condition)
I6
th(SCLH–SDAH)
Hold time, i2cX_sda low level after i2cX_scl high level
4
0.6
μs
(STOP condition)
I7
th(SCLH–RSTART)
Hold time, i2cX_sda low level after i2cX_scl high level (for
4
0.6
μs
a repeated START condition)
I8
tw(SDAH)
Pulse duration, i2cX_sda high between STOP and START
4.7
1.3
μs
conditions
tR(SCL)
Rise time, i2cX_scl
1000
300
ns
tF(SCL)
Fall time, i2cX_scl
300
300
ns
tR(SDA)
Rise time, i2cX_sda
1000
300
ns
tF(SDA)
Fall time, i2cX_sda
300
300
ns
CB
Capacitive load for each bus line
60(6)
60(6)
pF
(1)
In i2cX, X is equal to 1, 2, 3, or 4. Note that I2C4 is master transmitter only.
(2)
A fast-mode I2C-bus device can be used in a standard-mode I2C-bus system, but the requirement tsu(SDAV-SCLH) ≥ 250 ns must then be
met. This is automatically the case if the device does not stretch the low period of the i2cx_scl. If such a device does stretch the low
period of the i2cx_scl, it must output the next data bit to the i2cx_sda line tr(SDA) max + tsu(SDAV-SCLH) = 1000 + 250 = 1250 ns (according
to the standard-mode I2C-bus specification) before the i2cx_scl line is released.
(3)
The device provides (via the I2C bus) a hold time of at least 300 ns for the i2cx_sda signal (see the fall and rise time of i2cx_scl) to
bridge the undefined region of the falling edge of i2cx_scl.
(4)
The maximum th(SCLH-SDA) has only to be met if the device does not stretch the low period of the i2cx_scl signal.
(5)
After this time, the first clock is generated.
(6)
Maximum reference load for i2c4_scl and i2c4_sda is CB = 15 pF.
228
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com