Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB72 Datasheet(PDF) 230 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 230 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 226Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 227Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 228Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 229Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 230Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 231Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 232Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 233Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 234Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 265 page
background image
i2cX_sda
i2cX_scl
STOP
START REPEAT
I1
I2
I3
I4
I6
I5
I7
030-094
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
6.6.5.2
I2C High-Speed Mode
Table 6-108. I2C HighSpeed Mode Timings(1) (2)
NO.
PARAMETER
CB = 100 pF MAX
CB = 400 pF MAX
UNIT
MIN
MAX
MIN
MAX
fSCL
Clock frequency, i2cX_scl
3.4
1.7
MHz
I1
tw(SCLH)
Pulse duration, i2cX_scl high
60(3)
120(3)
μs
I2
tw(SCLL)
Pulse duration, i2cX_scl low
160(3)
320(3)
μs
I3
tsu(SDAV-SCLH)
Setup time, i2cX_sda valid before i2cX_scl
10
10
ns
active level
I4
th(SCLH–SDAV)
Hold time, i2cX_sda valid after i2cX_scl active
0(2)
70
0(2)
150
μs
level
I5
tsu(SDAL-SCLH)
Setup time, i2cX_scl high after i2cX_sda low
160
160
μs
(for a START(4) condition or a repeated START
condition)
I6
th(SCLH–SDAH)
Hold time, i2cX_sda low level after i2cX_scl high
160
160
μs
level (STOP condition)
I7
th(SCLH–RSTART)
Hold time, i2cX_sda low level after i2cX_scl high
160
160
ns
level (for a repeated START condition)
tR(SCL)
Rise time, i2cX_scl
40
80
ns
tR(SCL)
Rise time, i2cX_scl after a repeated START
80
160
ns
condition and after a bit acknowledge
tF(SCL)
Fall time, i2cX_scl
40
80
ns
tR(SDA)
Rise time, i2cX_sda
80
160
ns
tF(SDA)
Fall time, i2cX_sda
80
160
ns
CB
Capacitive load for each bus line
60(5)
pF
(1)
In i2cX, X is equal to 1, 2, 3, or 4. Note that I2C4 is master transmitter only.
(2)
The device provides (via the I2C bus) a hold time of at least 300 ns for the i2cx_sda signal (see the fall and rise time of i2cx_scl) to
bridge the undefined region of the falling edge of i2cx_scl.
(3)
HS-mode master devices generate a serial clock signal with a high to low ratio of 1 to 2. tw(SCLL) > 2 × tw(SCLH).
(4)
After this time, the first clock is generated.
(5)
Maximum reference load for i2c4_scl and i2c4_sda is CB = 15 pF.
Figure 6-54. I2C – High-Speed Mode(1) (2) (3)
(1) HS-mode master devices generate a serial clock signal with a high-to-low ratio of 1 to 2. tw(SCLL) > 2 x tw(SCLH).
(2) In i2cX, X is equal to 1, 2, 3, or 4. Note that I2C4 is master transmitter only.
(3) After this time, the first clock is generated.
Table 6-109. Correspondence Standard vs. TI Timing References
TI-OMAP
STANDARD-I2C
S/F Mode
HS Mode
fSCL
FSCL
FSCLH
I1
tw(SCLH)
THIGH
THIGH
I2
tw(SCLL)
TLOW
TLOW
I3
tsu(SDAV-SCLH)
TSU;DAT
TSU;DAT
I4
th(SCLH-SDAV)
TSU;DAT
TSU;DAT
I5
tsu(SDAL-SCLH)
TSU;STA
TSU;STA
I6
th(SCLH-SDAH)
THD;STA
THD;STA
230
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com