Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB72 Datasheet(PDF) 244 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 244 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 240Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 241Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 242Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 243Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 244Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 245Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 246Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 247Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 248Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 6-133. MMC/SD/SDIO Timing Requirements – High-Speed SD Mode(1) (2) (3)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
High-Speed SD Mode
MMC/SD/SDIO Interface 1 (1.8 V IO)
HSSD3
tsu(CMDV-CLKIH)
Setup time, mmc1_cmd valid before
5.6
26
ns
mmc1_clk rising clock edge
HSSD4
tsu(CLKIH-CMDIV)
Hold time, mmc1_cmd valid after mmc1_clk
2.3
1.9
ns
rising clock edge
HSSD7
tsu(DATxV-CLKIH)
Setup time, mmc1_datx valid before
5.6
26
ns
mmc1_clk rising clock edge
HSSD8
tsu(CLKIH-DATxIV)
Hold time, mmc1_datx valid after mmc1_clk
2.3
1.9
ns
rising clock edge
MMC/SD/SDIO Interface 1 (3.0 V IO)
HSSD3
tsu(CMDV-CLKIH)
Setup time, mmc1_cmd valid before
5.6
26
ns
mmc1_clk rising clock edge
HSSD4
tsu(CLKIH-CMDIV)
Hold time, mmc1_cmd valid after mmc1_clk
2.3
1.9
ns
rising clock edge
HSSD7
tsu(DATxV-CLKIH)
Setup time, mmc1_datx valid before
5.6
26
ns
mmc1_clk rising clock edge
HSSD8
tsu(CLKIH-DATxIV)
Hold time, mmc1_datx valid after mmc1_clk
2.3
1.9
ns
rising clock edge
MMC/SD/SDIO Interface 2
HSSD3
tsu(CMDV-CLKIH)
Setup time, mmc2_cmd valid before
5.6
26
ns
mmc2_clk rising clock edge
HSSD4
tsu(CLKIH-CMDIV)
Hold time, mmc2_cmd valid after mmc2_clk
2.3
1.9
ns
rising clock edge
HSSD7
tsu(DATxV-CLKIH)
Setup time, mmc2_datx valid before
5.6
26
ns
mmc2_clk rising clock edge
HSSD8
tsu(CLKIH-DATxIV)
Hold time, mmc2_datx valid after mmc2_clk
2.3
1.9
ns
rising clock edge
MMC/SD/SDIO Interface 3
HSSD3
tsu(CMDV-CLKIH)
Setup time, mmc3_cmd valid before
5.6
26
ns
mmc3_clk rising clock edge
HSSD4
tsu(CLKIH-CMDIV)
Hold time, mmc3_cmd valid after mmc3_clk
2.3
1.9
ns
rising clock edge
HSSD7
tsu(DATxV-CLKIH)
Setup time, mmc3_datx valid before
5.6
26
ns
mmc3_clk rising clock edge
HSSD8
tsu(CLKIH-DATxIV)
Hold time, mmc3_datx valid after mmc3_clk
2.3
1.9
ns
rising clock edge
(1)
Timing Parameters are referred to output clock specified in Table 6-134.
(2)
The timing requirements are assured for the cycle jitter and duty cycle error conditions specified in Table 6-134.
(3)
In datx, x is equal to 1, 2, 3, 4, 5, 6, or 7.
Table 6-134. MMC/SD/SDIO Switching Characteristics – High-Speed SD Mode
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
High-Speed SD Mode
1/HSSD 1/tc(clk)
Frequency(1), mmcx_ clk (2)
48
24
ns
1
HSSD2
tW(clkH)
Typical pulse duration, output clk high
X(3)*PO(4)
X(3)*PO(4)
ns
(1)
Related with the output clk maximum and minimum frequencies programmable in I/F module.
(2)
In mmcx_clk, 'x' is equal to 1, 2, or 3.
(3)
The X parameter is defined as shown in Table 6-135.
(4)
PO = output clk period in ns.
244
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com