Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB72 Datasheet(PDF) 248 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 248 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 244Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 245Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 246Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 247Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 248Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 249Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 250Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 251Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 252Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 6-139. MMC/SD/SDIO Switching Characteristics – Standard SD Mode (continued)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
SD2
tW(clkL)
Typical pulse duration, output clk low
Y(5)*PO(4)
Y(5)*PO(4)
ns
tdc(clk)
Duty cycle error, output clk
2083.3
4166.7
ps
tj(clk)
Jitter standard deviation(6), output clk
200
200
ps
MMC/SD/SDIO Interface 1 (1.8 V IO)
tc(clk)
Rise time, output clk
10
10
ns
tW(clkH)
Fall time, output clk
10
10
ns
tW(clkL)
Rise time, output data
10
10
ns
tdc(clk)
Fall time, output data
10
10
ns
SD5
td(CLKOH-CMD)
Delay time, mmc1_clk rising clock edge to
6.1
35.5
6.3
77
ns
mmc1_cmd transition
SD6
td(CLKOH-DATx)
Delay time, mmc1_clk rising clock edge to
6.1
35.5
6.3
77
ns
mmc1_datx transition
MMC/SD/SDIO Interface 1 (3.0 V IO)
tc(clk)
Rise time, output clk
10
10
ns
tW(clkH)
Fall time, output clk
10
10
ns
tW(clkL)
Rise time, output data
10
10
ns
tdc(clk)
Fall time, output data
10
10
ns
SD5
td(CLKOH-CMD)
Delay time, mmc1_clk rising clock edge to
6.1
35.5
6.3
77
ns
mmc1_cmd transition
SD6
td(CLKOH-DATx)
Delay time, mmc1_clk rising clock edge to
6.1
35.5
6.3
77
ns
mmc1_datx transition
MMC/SD/SDIO Interface 2
tc(clk)
Rise time, output clk
10
10
ns
tW(clkH)
Fall time, output clk
10
10
ns
tW(clkL)
Rise time, output data
10
10
ns
tdc(clk)
Fall time, output data
10
10
ns
SD5
td(CLKOH-CMD)
Delay time, mmc2_clk rising clock edge to
6.1
35.5
6.3
77
ns
mmc2_cmd transition
SD6
td(CLKOH-DATx)
Delay time, mmc2_clk rising clock edge to
6.1
35.5
6.3
77
ns
mmc2_datx transition
MMC/SD/SDIO Interface 3
tc(clk)
Rise time, output clk
10
10
ns
tW(clkH)
Fall time, output clk
10
10
ns
tW(clkL)
Rise time, output data
10
10
ns
tdc(clk)
Fall time, output data
10
10
ns
SD5
td(CLKOH-CMD)
Delay time, mmc3_clk rising clock edge to
6.1
35.5
6.3
77
ns
mmc3_cmd transition
SD6
td(CLKOH-DATx)
Delay time, mmc3_clk rising clock edge to
6.1
35.5
6.3
77
ns
mmc3_datx transition
(5)
The Y parameter is defined as shown in Table 6-141.
(6)
The jitter probability density can be approximated by a Gaussian function.
Table 6-140. X Parameter
CLKD
X
1 or Even
0.5
Odd
(trunk[CLKD/2]+1)/CLKD
248
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com