Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB72 Datasheet(PDF) 117 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 117 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 113Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 114Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 115Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 116Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 117Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 118Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 119Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 120Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 2-27. CBC Package Feed-Through Balls (continued)
f-vdd
Flash Supply
N2
T2
pop_n2_t2
f-vdd
Flash Supply
T2
Y2
pop_t2_y2
NC
No Connect
W2
AE2
pop_w2_ae2
NC
No Connect
Y2
AF4
pop_y2_af4
f-vdd
Flash Supply
AA6
AF5
pop_aa6_af5
f-vdd
Flash Supply
Y7
AF8
pop_y7_af8
NC, Int
No Connect; Interrupt when
Y9
AF10
pop_y9_af10
using OneNAND POP
f-nbe0, cle0
No Connect/CLE
AA10
AF12
pop_aa10_af12
d-vdd
DDR Supply/ POP FLASH
AA11
AF13
pop_aa11_af13
vpp supply
d-tq
No Connect/ DDR die
AA12
AF14
pop_aa12_af14
temperature sensor
vss
Shared Ground
AA13
AF15
pop_aa13_af15
d-vdd
DDR Supply
Y14
AF17
pop_y14_af17
d-vddq
DDR Supply
AA14
AF16
pop_aa14_af16
d-vdd
DDR Supply
B16
A20
pop_b16_a20
vss
Shared Ground
Y17
AF21
pop_y17_af21
d-vdd
DDR Supply
AA17
AF18
pop_aa17_af18
vss
Shared Ground
Y19
AF24
pop_y19_af24
d-vddq
DDR Supply
AA19
AF22
pop_aa19_af22
NC
No Connect
A20
A25
pop_a20_a25
NC
No Connect
Y20
AE25
pop_y20_ae25
NC
No Connect
AA20
AF25
pop_aa20_af25
NC
No Connect
A21
A26
pop_a21_a26
NC
No Connect
B21
B26
pop_b21_b26
d-vdd
DDR Supply
H21
K26
pop_h21_k26
d-vdd
DDR Supply
P21
U26
pop_p21_u26
NC
No Connect
Y21
AE26
pop_y21_ae26
NC
No Connect
AA21
AF26
pop_aa21_af26
Table 2-28. CBB Package Feed-Through Balls
JEDEC 12x12, 0.5mm,
JEDEC DESCRIPTION (1)
BALL TOP
BALL BOTTOM
FEED-THROUGH BALL
168ball
NAME
d-vdd
DDR Supply
A12
A15
pop_a12_a15
d-vdd
DDR Supply
AA23
AE28
pop_aa23_ae28
d-vdd
DDR Supply
H23
AF28
pop_h23_af28
d-vdd
DDR Supply
K1
J28
pop_k1_j28
d-vdd
DDR Supply
Y23
M1
pop_y23_m1
f-vdd
Flash Supply
AA1
AA1
pop_aa1_aa1
f-vdd
Flash Supply
AC8
AF1
pop_ac8_af1
f-vdd
Flash Supply
AC13
AH10
pop_ac13_ah10
f-vdd
Flash Supply
L1
AH15
pop_l1_ah15
f-vdd
Flash Supply
U1
N1
pop_u1_n1
f-vpp
Flash vpp supply
AC11
AH13
pop_ac11_ah13
NC, int0
No Connect/PoP OneNAND
AB9
AG11
pop_ab9_ag11
interrupt
NC, int1
No Connect/PoP OneNAND
AC9
AH11
pop_ac9_ah11
interrupt
NC
No Connect
A1
A1
pop_a1_a1
NC
No Connect
A2
A2
pop_a2_a2
NC
No Connect
A22
A27
pop_a22_a27
NC
No Connect
A23
A28
pop_a23_a28
(1)
For more details on the feedthrough pin connections, please refer to the PoP memory datasheet.
Copyright © 2008–2013, Texas Instruments Incorporated
TERMINAL DESCRIPTION
117
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com