Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB72 Datasheet(PDF) 121 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 121 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 117Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 118Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 119Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 120Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 121Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 122Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 123Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 124Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
3.2
Absolute Maximum Ratings
The following table specifies the absolute maximum ratings over the operating junction temperature range
of OMAP commercial and extended temperature devices. Stresses beyond those listed under absolute
maximum ratings may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under
recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for
extended periods may affect device reliability.
Notes:
•
Logic functions and parameter values are not assured out of the range specified in the recommended
operating conditions.
•
The OMAP3530/25 device adheres to EIA/JESD22
−A114, Electrostatic Discharge (ESD) Sensitivity
Testing Human Body Model (HBM). Minimum pass level for HBM is ±1 kV.
Table 3-1. Absolute Maximum Ratings Over Operating Junction Temperature Range
PARAMETER
MIN
MAX
UNIT
vdd_mpu _iva
Supply voltage range for core macros
–0.5
1.6
V
vdd_core
vdds
Second supply voltage range for 1.8-V I/O macros
–0.5
2.25
V
vdds_mem
vdds_mmc1
Supply voltage range for MMC1 CMD,
1.8-V mode
–0.5
2.45
V
CLK and DAT[3:0] and for memory stick
3.0-V mode
-0.5
3.50
I/Os
vdds_
Second supply voltage range for MMC1
1.8-V mode
–0.5
2.45
V
vdds_mmc1a
DAT[7:4]
3.0-V mode
-0.5
3.50
vdds_dpll_dll
Supply voltage for DLL DPLL
–0.5
2.10
V
vdds_dpll_per
Supply voltage for Per DPLL
vdds_sram
Supply voltage for SRAM LDOs
–0.5
2.25
V
vdds_wkup_bg
Supply voltage for wakeup LDO and VDDA (2 LDOs SRAM and BG)
VPAD
Voltage range
MMC1, MS (Balls N28,
Supply voltage range for 1.8-V IOs
–0.54(1)
2.34(1)
at PAD
M27, N27, N26, N25,
Supply voltage range for 3.0-V IOs
–0.45(2)
3.45(2)
P28)
MMC1 (Balls P27, P26,
R27, R25)
I2C1, I2C2, I2C3, I2C4 (Balls K21, J21, AF15, AE15, AF14,
–0.63(1)
2.73(1)
AG14, AD26, AE26)
Crystal (xtalin/xtalout) (Balls AE17, AF17)
–0.5
2.71
Other balls
–0.5
vddsx(3) + 0.5
vdda_dac
Supply voltage range for analog macros
–0.5
2.43
V
VESD
ESD stress
HBM (human body
vdds_ MMC1a ,
500
V
voltage(4)
model)(5)
mmc1_dat[7-4] (CBB pkg only)(6)
Other pins
1000
CDM (charged device
MMC1 signals (CBB pkg only) (6)
300
model)(7)
Other pins
500
IIOI
Current-pulse injection on each I/O pin(8)
200
mA
Iclamp
Clamp current for an input or output
–20
20
mA
Tstg
Storage temperature range(9)
–65
150
°C
(1)
For a maximum time of 30% time period.
(2)
For a maximum time of 15% time period.
(3)
Depending on ball, vddsx can be vdds_mem or vdds.
(4)
Electrostatic discharge (ESD) to measure device sensitivity/immunity to damage caused by electrostatic discharges into the device.
(5)
JEDEC JESD22–A114F
(6)
Corresponding signals: mmc1_dat0, mmc1_dat1, mmc1_dat2, mmc1_dat3, mmc1_dat4, mmc1_dat5, mmc1_dat6, mmc1_dat7,
mmc1_clk, mmc1_cmd and vdds_mmc1 (CBB pkg only).
(7)
JEDEC JESD22
−C101D
(8)
Each device is tested with I/O pin injection of 200 mA with a stress voltage of 1.5 times maximum vdd at room temperature.
(9)
These temperatures extreme do not simulate actual operating conditions but exaggerate any faults that might exist.
Copyright © 2008–2013, Texas Instruments Incorporated
ELECTRICAL CHARACTERISTICS
121
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com