Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB72 Datasheet(PDF) 123 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 123 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 119Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 120Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 121Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 122Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 123Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 124Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 125Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 126Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
3.3
Recommended Operating Conditions
All OMAP3530/25 modules are used under the operating conditions contained in Table 3-3. The
information in the notes below is provided solely for convenience and does not extend or modify the
warranty provided under TI's standard terms and conditions for TI semiconductor products.
Note (POH Limitations):
To avoid significant device degradation for commercial temperature OMAP3530/OMAP3525 devices (0°C
≤ Tj ≤ 90°C), the device power-on hours (POH) must be limited to one of the following:
•
100K total POH when operating across all OPPs and keeping the time spent at OPP5-OPP6 to less
than 23K POH.
•
50K total POH when operating at OPP5 - OPP6.
•
44K total POH with no restrictions to the proportion of these POH at operating points OPP1 - OPP6.
To avoid significant device degradation for extended temperature OMAP3530A/OMAP3525A devices (-
40°C
≤ Tj ≤ 105°C), the following restrictions apply:
•
OPP5 and OPP6 are not supported.*
•
The total device POH must be limited to less than 50K.*
*If an extended temperature device is operated such that Tj never exceeds 90C (-40°C ≤Tj ≤ 90°C) then
the OPP POH limits for commercial devices indicated above apply.
Note: Logic functions and parameter values are not guaranteed out of the range specified in the
recommended operating conditions. The above notations cannot be deemed a warranty or deemed to
extend or modify the warranty under TI's standard terms and conditions for TI semiconductor products.
Table 3-3. Recommended Operating Conditions
PARAMETER
DESCRIPTION
MIN
NOM
MAX
UNIT
VDD1 (vdd_mpu
OMAP processor logic supply
OPP6: Overdrive (1)
VDD1NOM -
1.35
VDD1NOM +
V
_iva),
(0.05*VDD1NOM)
(0.05*VDD1NOM)
SmartReflex
OPP5: Overdrive
VDD1NOM -
1.35
VDD1NOM +
V
Disabled
(0.05*VDD1NOM)
(0.05*VDD1NOM)
OPP4: Mid-Overdrive
VDD1NOM -
1.27
VDD1NOM +
V
(0.05*VDD1NOM)
(0.05*VDD1NOM)
OPP3: Nominal
VDD1NOM -
1.20
VDD1NOM +
V
(0.05*VDD1NOM)
(0.05*VDD1NOM)
OPP2: Low-Power
VDD1NOM -
1.06
VDD1NOM +
V
(0.05*VDD1NOM)
(0.05*VDD1NOM)
OPP1: Ultra Low-
VDD1NOM -
0.985
VDD1NOM +
V
Power(2)
(0.05*VDD1NOM)
(0.05*VDD1NOM)
VDD2 (vdd_core) OMAP core logic supply
(3)
OPP3: Nominal
VDD2NOM -
1.15
VDD2NOM +
V
SmartReflex
(0.05*VDD2NOM)
(0.05*VDD2NOM)
Disabled
OPP2: Low-Power
VDD2NOM -
1.06
VDD2NOM +
V
(0.05*VDD2NOM)
(0.05*VDD2NOM)
OPP1: Ultra Low-
VDD2NOM -
0.985
VDD2NOM +
V
Power(2)
(0.05*VDD2NOM)
(0.05*VDD2NOM)
vdds
Supply voltage for I/O macros
1.71
1.8
1.91
V
Noise (peak-peak)
90
mVpp
vdds_mem
Supply voltage for memory I/O macros
1.71
1.8
1.89
V
Noise (peak-peak)
90
mVpp
vdds_mmc1
Supply voltage range for MMC1
1.8-V mode
1.71
1.8
1.89
V
CMD, CLK and DAT[3:0] and for
3.0-V mode
2.7
3.0
3.3
V
memory stick I/Os
(1)
OPP6 is only supported on high-speed grade OMAP3530/25 devices.
(2)
Cannot boot in OPP1. If OPP1 is desired, boot in higher OPP then switch to OPP1.
(3)
Core logic includes interconnect, graphics processor, and peripherals.
Copyright © 2008–2013, Texas Instruments Incorporated
ELECTRICAL CHARACTERISTICS
123
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com