Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB72 Datasheet(PDF) 126 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 126 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 122Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 123Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 124Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 125Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 126Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 127Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 128Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 129Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 3-4. DC Electrical Characteristics (continued)
PARAMETER
MIN
NOM
MAX
UNIT
VOL
Thevenin output low level
–50
50
mV
VOH
Thevenin output high level
1.1
1.2
1.3
V
Low-Power Receiver (LP-RX)
VIL
Low-level input threshold
550
mV
VIH
High-level input threshold
880
mV
VHYST
Input hysteresis
25
mV
Ultralow-Power Receiver (ULP-RX)
VIL-ULPS
Low-level input threshold, ULPM
300
mV
VIH
High-level input threshold
880
mV
subLVDS/CMOS Pin Buffers - CBB: AA27, AA28, AB27, AB28, AD27, AD28, AC28, AC27/ CBC: AC26, AD26, AA25, Y25, AA26,
AB26, AC25, AB25/ CUS: V22, W22, Y22, AB22, AC23, AC22, W21, V21
Vod
Differential voltage range @ RL = 100 Ω
100
150
200
mV
Vocm
Common mode voltage range
0.8
0.9
1
V
tT
Input transition time (Vod rise time, tR or Vod fall time, tF
200
500
ps
evaluated between 20% and 80% at PAD)
Standard LVCMOS Pin Buffers
VIH
(4)
High-level input voltage (Standard LVCMOS)
0.65 × vdds
vdds + 0.3
V
VIL
(4)
Low-level input voltage (Standard LVCMOS)
- 0.3
0.35 × vdds
V
VHYS
Hysteresis voltage at an input(5)
0.1
V
VOH
High-level output voltage, driver enabled,
IO = IOH or
vdds – 0.45
V
pullup or pulldown disabled
IO = –2 mA
IO = IOH < |–2|
vdds – 0.40
mA
VOL
Low-level output voltage with , driver enabled, IO = IOL or
0.45
V
pullup or pulldown disabled
IO = 2 mA
IO = IOL < 2 mA
0.40
tT
Input transition time (rise time, tR or fall time, tF evaluated
0
10(6)
ns
between 10% and 90% at PAD)
II
Input current with V I = VI max
–1
1
μA
IOZ
Off-state output current for output in high impedance with driver
–20
20
μA
only, driver disabled
Off-state output current for output in high impedance with
–100
driver/receiver/pullup only, driver disabled, pullup not inhibited
Off-state output current for output in high impedance with
100
driver/receiver/pulldown only, driver disabled, pulldown not
inhibited
IZ
Total leakage current through the PAD connection of a
– 20
20
μA
driver/receiver combination that may include a pullup or pulldown.
The driver output is disabled and the pullup or pulldown is
inhibited.
LVCMOS Open-Drain Pin Buffers Dedicated to I2C IOs - CBB: K21, J21, AF14, AG14, AF15, AE15, AD26, AE26/ CBC: J25, J24, C2,
C1, AB4, AC4, AD15, W16, A21, C21/ CUS: K20, K21, AC13, AC12, AC15, AC14, Y16, Y15
VIH
High level input voltage
0.7 x vdds
vdds + 0.5
V
VIL
Low level input voltage
- 0.5
0.3 x vdds
V
VOL
Low-level output voltage open-drain at 3-mA sink current
0
0.2 x vdds
V
II
Input current at each I/O pin with an input voltage between 0.1 x
- 10
10
μA
vdds to 0.9 x vdds
CI
Capacitance for each I/O pin
10
pF
(4)
VIH/VIL (Standard LVCMOS) parameters are applicable for sys_altclk input clocks.
(5)
Vhys is the magnitude of the difference between the positive-going threshold voltage VT+ and the negative-going voltage VT-.
(6)
This global value may be overridden on a per interface basis if another value is explicitly defined for that interface (for example, I2C).
126
ELECTRICAL CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com