Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB72 Datasheet(PDF) 143 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 143 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 139Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 140Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 141Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 142Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 143Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 144Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 145Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 146Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 147Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
•
Analog part supplied through dedicated power supply (1.8 V) and an embedded LDO to get rid of 1-
MHz noise
•
Up to five independent output dividers for simultaneous generation of multiple clock frequencies
4.3.1.1
DPLL1 (MPU)
DPLL1 is located in the MPU subsystem and supplies all clocks of the subsystem. All MPU subsystem
clocks are internally generated in the subsystem. When the core domain is on, it can use the DPLL3
(CORE DPLL) output as a high-frequency bypass input clock.
4.3.1.2
DPLL2 (IVA2)
DPLL2 is located in the IVA subsystem and supplies all clocks of the subsystem. All IVA subsystem clocks
are internally generated in the subsystem. When the core domain is on, it can use the DPLL3 (CORE
DPLL) output as a high-frequency bypass input clock.
4.3.1.3
DPLL3 (CORE)
DPLL3 supplies all interface clocks and also a few module functional clocks. It can be also source of the
emulation trace clock. It is located in the core domain area. All interface clocks and a few module
functional clocks are generated in the CM. When the core domain is on, it can be used as a bypass input
to DPLL1 and DPLL2.
4.3.1.4
DPLL4 (Peripherals)
DPLL4 generates clocks for the peripherals. It supplies five clock sources: 96-MHz functional clocks to
subsystems and peripherals, 54 MHz to TV DAC, display functional clock, camera sensor clock, and
emulation trace clock. It is located in the core domain area. All interface clocks and few module functional
clocks are generated in the CM. Its outputs to the DSS, PER, and EMU domains are propagated with
always-on clock trees.
4.3.1.5
DPLL5 (Second peripherals DPLL)
DPLL5 supplies the 120-MHz functional clock to the CM.
4.3.2
Delay-Locked Loops (DLL)
The SDRC includes analog-controlled delay technology for interfacing high-speed mobile DDR memory
components. For more information, see the SDRC-GPMC chapter of the OMAP35x Technical Reference
Manual (TRM) [literature number SPRUF98 ]. A DLL is a calibration module used on dynamic track of
voltage and temperature variations, as well as to compensate the silicon process dispersion.
The SDRC DLL has four modes of operation:
1. APPLICATION MODE 0: used to generate 72° delay
2. APPLICATION MODE 1: used to generate 90° delay
3. MODEMAXDELAY: used for low frequency operation where we do not have the requirement of
accurate 72° or 90° phase shift
4. IDLE MODE: a low-power state that allows the DLL to gain lock quickly on exit from this mode
Copyright © 2008–2013, Texas Instruments Incorporated
CLOCK SPECIFICATIONS
143
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com