Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB72 Datasheet(PDF) 147 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 147 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 143Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 144Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 145Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 146Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 147Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 148Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 149Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 150Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 151Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 265 page
background image
OMAP Device
DPLL_MPU
DPLL_IVA
DPLL_CORE
DLL
DPLL5
DPLL4
vdds_dpll_dll
vdds_dpll_per
C
NoiseFilter
C
NoiseFilter
030-017
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
4.3.4
DPLL and DLL Noise Isolation
The DPLL and DLL require dedicated power supply pins to isolate the core analog circuit from the
switching noise generated by the core logic that can cause jitter on the clock output signal. Guard rings
are added to the cell to isolate it from substrate noise injection.
The vdd supplies are the most sensitive to noise; decoupling capacitance is recommended below the
supply rails. The maximum input noise level allowed is 30 mVPP for frequencies below 1 MHz.
Figure 4-10 illustrates an example of a noise filter.
Figure 4-10. DPLL and DLL Noise Filter
Table 4-21 specifies the noise filter requirements.
Table 4-21. DPLL and DLL Noise Filter Requirements
NAME
MIN
TYP
MAX
UNIT
Filtering capacitor
100
nF
(1) The capacitors must be inserted between power and ground as close as possible.
(2) This circuit is provided only as an example.
(3) The filter must be located as close as possible to the device.
(4) No filtering required if noise is below 10 mVPP.
Copyright © 2008–2013, Texas Instruments Incorporated
CLOCK SPECIFICATIONS
147
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com