Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB72 Datasheet(PDF) 148 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 148 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 144Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 145Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 146Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 147Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 148Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 149Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 150Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 151Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 152Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 265 page
background image
OMAP Device
DSS
tv_vref
DIN1[9:0]
vssa_dac
vdda_dac
VideoDAC 1
TVDCT
VideoDAC 2
TVOUT
BUFFER
DIN2[9:0]
TVOUT
BUFFER
TVOUT
BUFFER
tv_vfb1
tv_out1
CBG
tv_out2
tv_vfb2
V_ref
030-018
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
5
VIDEO DAC SPECIFICATIONS
A dual-display interface equips the OMAP3530/25 processor. This display subsystem provides the
necessary control signals to interface the memory frame buffer directly to the external displays (TV-set).
Two (one per channel) 10-bit current steering DACs are inserted between the DSS and the TV set to
generate the video analog signal. One of the video DACs also includes TV detection and power-down
mode. Figure 5-1 illustrates the OMAP3530/25 DAC architecture. For more information, see the DSS
chapter of the OMAP35x Technical Reference Manual (TRM) [literature number SPRUF98].
Figure 5-1. Video DAC Architecture
The following paragraphs detail the 10-bit DAC interface pinout, static and dynamic specifications, and
noise requirements. The operating conditions and absolute maximum ratings are detailed in Table 5-2 and
Table 5-4.
5.1
Interface Description
Table 5-1 summarizes the external pins of the video DAC.
Table 5-1. External Pins of 10-bit Video DAC
PIN NAME
I/O
DESCRIPTION
tv_out1
O
TV analog output composite
DAC1 video output. An external resistor is connected between this
node and tv_vfb1. The nominal value of ROUT1 is 1650
Ω. Finally,
note that this is the output node that drives the load (75
Ω).
148
VIDEO DAC SPECIFICATIONS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com