Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBBA Datasheet(PDF) 154 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBBA
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBA Datasheet(HTML) 154 Page - Texas Instruments

Back Button OMAP3530ECBBA Datasheet HTML 150Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 151Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 152Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 153Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 154Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 155Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 156Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 157Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 158Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 265 page
background image
Cycle(orPeriod)Jitter
Tn-1
Tn
Tn+1
Max.CycleJitter=Max(T )
i
Min.CycleJitter=Min(T )
i
JitterStandardDeviation(orrmsJitter)=StandardDeviation(T )
i
030-020
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
6
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
6.1
Timing Test Conditions
All timing requirements and switching characteristics are valid over the recommended operating conditions
of , unless otherwise specified.
6.2
Interface Clock Specifications
6.2.1
Interface Clock Terminology
The Interface clock is used at the system level to sequence the data and/or control transfers accordingly
with the interface protocol.
6.2.2
Interface Clock Frequency
The two interface clock characteristics are:
The maximum clock frequency
The maximum operating frequency
The interface clock frequency documented in this document is the maximum clock frequency, which
corresponds to the maximum frequency programmable on this output clock. This frequency defines the
maximum limit supported by the OMAP3530/25 IC and doesn’t take into account any system consideration
(PCB, peripherals).
The system designer will have to consider these system considerations and OMAP3530/25 IC timings
characteristics as well, to define properly the maximum operating frequency, which corresponds to the
maximum frequency supported to transfer the data on this interface.
6.2.3
Clock Jitter Specifications
Jitter is a phase noise, which may alter different characteristics of a clock signal. The jitter specified in this
document is the time difference between the typical cycle period and the actual cycle period affected by
noise sources on the clock. The cycle (or period) jitter terminology identifies this type of jitter.
Figure 6-1. Cycle (or Period) Jitter
6.2.4
Clock Duty Cycle Error
The duty cycle error is the ratio between either the high-level pulse duration or the low-level pulse duration
and the cycle time of a clock signal.
154
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com