Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBBA Datasheet(PDF) 156 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBBA
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBA Datasheet(HTML) 156 Page - Texas Instruments

Back Button OMAP3530ECBBA Datasheet HTML 152Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 153Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 154Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 155Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 156Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 157Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 158Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 159Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 160Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
6.4
External Memory Interfaces
The OMAP3530/25 processor includes the following external memory interfaces:
General-purpose memory controller (GPMC)
SDRAM controller (SDRC)
6.4.1
General-Purpose Memory Controller (GPMC)
The GPMC is the OMAP3530/25 unified memory controller used to interface external memory devices
such as:
Asynchronous SRAM-like memories and ASIC devices
Asynchronous page mode and synchronous burst NOR flash
NAND flash
6.4.1.1
GPMC/NOR Flash Interface Synchronous Timing
Table 6-3 and Table 6-4 assume testing over the recommended operating conditions (see Figure 6-2
through Figure 6-5) and electrical characteristic conditions.
Table 6-2. GPMC/NOR Flash Synchronous Mode Timing Conditions
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
1.8
ns
tF
Input signal fall time
1.8
ns
Output Conditions
CLOAD
Output load capacitance
15.94
pF
Table 6-3. GPMC/NOR Flash Interface Timing Requirements – Synchronous Mode(1)
NO.
PARAMETER
OPP3
OPP2
OPP1(2)
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
F12
tsu(DV-CLKH)
Setup time, read gpmc_d[15:0]
1.9
1.9
3.2
ns
valid before gpmc_clk high
F13
th(CLKH-DV)
Hold time, read gpmc_d[15:0]
1.9
1.9
1.9
ns
valid after gpmc_clk high
F21
tsu(WAITV-CLKH)
Setup time, gpmc_waitx(3) valid
1.9
1.9
3.2
ns
before gpmc_clk high
F22
th(CLKH-WAITV)
Hold Time, gpmc_waitx(3) valid
2.5
2.5
2.5
ns
after gpmc_clk high
(1)
For VDD2 (vdd_core) OPP voltages, see Section 3.3, Recommended Operating Conditions.
(2)
Cannot boot in OPP1. If OPP1 is desired, boot in higher OPP then switch to OPP1.
(3)
Wait monitoring support is limited to a WaitMonitoringTime value > 0. For a full description of wait monitoring feature, see the OMAP35x
Technical Reference Manual (literature number SPRUF988).
Table 6-4. GPMC/NOR Flash Interface Switching Characteristics – Synchronous Mode
NO.
PARAMETER
1.15 V
1.0 V
0.9 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
F0
tc(CLK)
Cycle time(15), output
10
12.05
25
ns
clock gpmc_clk period
F1
tw(CLKH)
Typical pulse duration,
0.5 P(12)
0.5 P(12)
0.5 P(12)
0.5 P(12)
0.5 P(12)
0.5 P(12)
ns
output clock gpmc_clk
high
F1
tw(CLKL)
Typical pulse duration,
0.5 P(12)
0.5 P(12)
0.5 P(12)
0.5 P(12)
0.5 P(12)
0.5 P(12)
ns
output clock gpmc_clk low
tdc(CLK)
Duty cycle error, output
–500
500
–602
602
–1250
1250
ps
clk gpmc_clk
156
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com