Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBBA Datasheet(PDF) 157 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBBA
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBA Datasheet(HTML) 157 Page - Texas Instruments

Back Button OMAP3530ECBBA Datasheet HTML 153Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 154Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 155Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 156Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 157Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 158Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 159Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 160Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 161Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 6-4. GPMC/NOR Flash Interface Switching Characteristics – Synchronous Mode (continued)
NO.
PARAMETER
1.15 V
1.0 V
0.9 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tj(CLK)
Jitter standard
33.3
33.3
33.3
ps
deviation(16), output clock
gpmc_clk
tR(CLK)
Rise time, output clock
1.6
2
2
ns
gpmc_clk
tF(CLK)
Fall time, output clock
1.6
2
2
ns
gpmc_clk
tR(DO)
Rise time, output data
2
2
2
ns
tF(DO)
Fall time, output data
2
2
2
ns
F2
td(CLKH-nCSV)
Delay time, gpmc_clk
F(6) – 1.9
F(6) + 3.3
F(6) – 1.8
F(6) + 4.1
F(6) – 2.6
F(6) + 4.9
ns
rising edge to
gpmc_ncsx(11) transition
F3
td(CLKH-nCSIV)
Delay time, gpmc_clk
E(5) – 1.9
E(5) + 3.3
E(5) – 1.8
E(5) + 4.1
E(5) – 2.6
E(5) + 4.9
ns
rising edge to
gpmc_ncsx(11) invalid
F4
td(ADDV-CLK)
Delay time, address bus
B(2) – 4.1
B(2) + 2.1
B(2) – 4.1
B(2) + 2.1
B(2) – 4.9
B(2) + 2.6
ns
valid to gpmc_clk first
edge
F5
td(CLKH-ADDIV)
Delay time, gpmc_clk
–2.1
–2.1
–2.6
ns
rising edge to
gpmc_a[16:1] invalid
F6
td(nBEV-CLK)
Delay time,
B(2) – 1.1
B(2) + 2.1
B(2) – 0.9
B(2) + 1.9
B(2) – 2.6
B(2) + 2.6
ns
gpmc_nbe0_cle,
gpmc_nbe1 valid to
gpmc_clk first edge
F7
td(CLKH-nBEIV)
Delay time, gpmc_clk
D(4) – 2.1
D(4) + 1.1
D(4) – 1.9
D(4) + 0.9
D(4) – 2.6
D(4) + 2.6
ns
rising edge to
gpmc_nbe0_cle,
gpmc_nbe1 invalid
F8
td(CLKH-nADV)
Delay time, gpmc_clk
G(7) – 1.9
G(7) + 4.1
G(7) – 2.1
G(7) + 4.1
G(7) – 2.6
G(7) + 4.9
ns
rising edge to
gpmc_nadv_ale transition
F9
td(CLKH-nADVIV)
Delay time, gpmc_clk
D(4) – 1.9
D(4) + 4.1
D(4) – 2.1
D(4) + 4.1
D(4) – 2.6
D(4) + 4.9
ns
rising edge to
gpmc_nadv_ale invalid
F10
td(CLKH-nOE)
Delay time, gpmc_clk
H(8) – 2.1
H(8) + 2.1
H(8) – 2.1
H(8) + 2.1
H(8) – 2.6
H(8) + 4.9
ns
rising edge to gpmc_noe
transition
F11
td(CLKH-nOEIV)
Delay time, gpcm rising
E(5) – 2.1
E(5) + 2.1
E(5) – 2.1
E(5) + 2.1
E(5) – 2.6
E(5) + 4.9
ns
edge to gpmc_noe invalid
F14
td(CLKH-nWE)
Delay time, gpmc_clk
I(9) – 1.9
I(9) + 4.1
I(9) – 2.1
I(9) + 4.1
I(9) – 2.6
I(9) + 4.9
ns
rising edge to gpmc_nwe
transition
F15
td(CLKH-Data)
Delay time, gpmc_clk
J(10) – 2.1 J(10) + 1.1 J(10) – 1.9 J(10) + 0.9 J(10) – 2.6 J(10) + 2.6
ns
rising edge to data bus
transition
F17
td(CLKH-nBE)
Delay time, gpmc_clk
J(10) – 2.1 J(10) + 1.1 J(10) – 1.9 J(10) + 0.9 J(10) – 2.6 J(10) + 2.6
ns
rising edge to
gpmc_nbex_cle transition
F18
tW(nCSV)
Pulse duration,
Read
A(1)
A(1)
A(1)
ns
gpmc_ncsx(11)
Write
A(1)
A(1)
A(1)
ns
low
F19
tW(nBEV)
Pulse duration,
Read
C(3)
C(3)
C(3)
ns
gpmc_nbe0_cle,
Write
C(3)
C(3)
C(3)
ns
gpmc_nbe1 low
F20
tW(nADVV)
Pulse duration,
Read
K(13)
K(13)
K(13)
ns
gpmc_nadv_ale
Write
K(13)
K(13)
K(13)
ns
low
Copyright © 2008–2013, Texas Instruments Incorporated
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
157
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com