Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2876 Datasheet(PDF) 23 Page - Microchip Technology

Part # MIC2876
Description  4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2876 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MIC2876 Datasheet HTML 18Page - Microchip Technology MIC2876 Datasheet HTML 19Page - Microchip Technology MIC2876 Datasheet HTML 20Page - Microchip Technology MIC2876 Datasheet HTML 21Page - Microchip Technology MIC2876 Datasheet HTML 22Page - Microchip Technology MIC2876 Datasheet HTML 23Page - Microchip Technology MIC2876 Datasheet HTML 24Page - Microchip Technology MIC2876 Datasheet HTML 25Page - Microchip Technology MIC2876 Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
 2016 Microchip Technology Inc.
DS20005572A-page 23
MIC2876
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a)
MIC2876-4.75YMT-T5: MIC2876, 4.75V Output
Voltage, –40°C to +125°C
Temp. Range, 8-Pin UDFN,
500/Reel
b)
MIC2876-4.75YMT-TR: MIC2876, 4.75V Output
Voltage, –40°C to +125°C
Temp. Range, 8-Pin UDFN,
5,000/Reel
c)
MIC2876-5.0YMT-T5:
MIC2876, 5.00V Output
Voltage, –40°C to +125°C
Temp. Range, 8-Pin UDFN,
500/Reel
d)
MIC2876-5.0YMT-TR: MIC2876, 5.00V Output
Voltage, –40°C to +125°C
Temp. Range, 8-Pin UDFN,
5,000/Reel
e)
MIC2876-5.25YMT-T5: MIC2876, 5.25V Output
Voltage, –40°C to +125°C
Temp. Range, 8-Pin UDFN,
500/Reel
f)
MIC2876-5.25YMT-TR: MIC2876, 5.25V Output
Voltage, –40°C to +125°C
Temp. Range, 8-Pin UDFN,
5,000/Reel
g)
MIC2876-5.5YMT-T5:
MIC2876, 5.50V Output
Voltage, –40°C to +125°C
Temp. Range, 8-Pin UDFN,
500/Reel
h)
MIC2876-5.5YMT-TR: MIC2876, 5.50V Output
Voltage, –40°C to +125°C
Temp. Range, 8-Pin UDFN,
5,000/Reel
i)
MIC2876-AYMT-T5:
MIC2876, Adjustable Output
Voltage, –40°C to +125°C
Temp. Range, 8-Pin UDFN,
500/Reel
j)
MIC2876-AYMT-TR:
MIC2876, Adjustable Output
Voltage, –40°C to +125°C
Temp. Range, 8-Pin UDFN,
5,000/Reel
PART NO.
XX
Package
Device
Device:
MIC2876:
4.8A ISW, Synchronous Boost Regulator
with Bi-Directional Load Disconnect
Output Voltage:
4.75
=
4.75V
5.0
=
5.00V
5.25
=
5.25V
5.5
=
5.50V
A
=
Adjustable
Temperature:
Y
=
–40°C to +125°C
Package:
MT =
8-Pin 2 mm x 2 mm UDFN
Media Type:
T5
=
500/Reel
TR =
5,000/Reel
XX
Output
–
Voltage
X
Temperature
XX
Media
–
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com