Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2876 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC2876
Description  4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2876 Datasheet(HTML) 2 Page - Microchip Technology

  MIC2876 Datasheet HTML 1Page - Microchip Technology MIC2876 Datasheet HTML 2Page - Microchip Technology MIC2876 Datasheet HTML 3Page - Microchip Technology MIC2876 Datasheet HTML 4Page - Microchip Technology MIC2876 Datasheet HTML 5Page - Microchip Technology MIC2876 Datasheet HTML 6Page - Microchip Technology MIC2876 Datasheet HTML 7Page - Microchip Technology MIC2876 Datasheet HTML 8Page - Microchip Technology MIC2876 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
MIC2876
DS20005572A-page 2
 2016 Microchip Technology Inc.
Typical Application Schematics
Functional Block Diagrams
MIC2876 (Fixed Output)
2x2 UDFN
MIC2876 (Adj. Output)
2x2 UDFN
AGND
SW
V
IN
IN
EN
PGND
OUT
/PG
OUTS
V
OUT
2.5V to 5.0V
C1
4.7μF
10V
L1
1μH
R1
V
IN
C2*
22μF
10V
5.0V
AGND
SW
V
IN
IN
EN
PGND
OUT
/PG
FB
V
OUT
2.5V to 5.0V
C1
4.7μF
10V
L1
1μH
R1
V
IN
C2*
22μF
10V
5.0V
R2
R3
*
Two more 22 µF capacitors should be added in parallel with C2 for VIN > 5.0V.
Efficiency vs. Load Current
EN
IN
SW
ANTI-
RINGING
REFERENCE
GENERATOR
2MHz
OSCILLATOR
OC
4.8A
PWM
LOGIC
CONTROL
CURRENT
SENSE
+
SLOPE
COMPENSATION
VIN
OUT
BODY
DRIVER
HS
DRIVER
LS
DRIVER
/PG
PGND
AGND
VREF
SOFT-
START
PWM
OUTS
VIN
EN
IN
SW
ANTI-
RINGING
REFERENCE
GENERATOR
2MHz
OSCILLATOR
OC
4.8A
PWM
LOGIC
CONTROL
CURRENT
SENSE
+
SLOPE
COMPENSATION
VIN
OUT
BODY
DRIVER
HS
DRIVER
LS
DRIVER
PGL
PGH
/PG
FB
PGND
AGND
VREF
SOFT-
START
PWM
MIC2876 (Fixed Output)
MIC2876 (Adj. Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com