Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2876 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC2876
Description  4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2876 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC2876 Datasheet HTML 10Page - Microchip Technology MIC2876 Datasheet HTML 11Page - Microchip Technology MIC2876 Datasheet HTML 12Page - Microchip Technology MIC2876 Datasheet HTML 13Page - Microchip Technology MIC2876 Datasheet HTML 14Page - Microchip Technology MIC2876 Datasheet HTML 15Page - Microchip Technology MIC2876 Datasheet HTML 16Page - Microchip Technology MIC2876 Datasheet HTML 17Page - Microchip Technology MIC2876 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
MIC2876
DS20005572A-page 14
 2016 Microchip Technology Inc.
6.0
COMPONENT SELECTION
6.1
Inductor
Inductor selection is a trade-off between efficiency,
stability, cost, size, and rated current. Because the
boost converter is compensated internally, the
recommended inductance is limited from 1 µH to
2.2 µH to ensure system stability and presents a good
balance between these considerations.
A large inductance value reduces the peak-to-peak
inductor ripple current hence the output ripple voltage.
This also reduces both the DC loss and the transition
loss at the same inductor’s DC resistance (DCR).
However, the DCR of an inductor usually increases
with the inductance in the same package size. This is
due to the longer windings required for an increase in
inductance. Since the majority of the input current
passes through the inductor, the higher the DCR the
lower the efficiency is, and more significantly at higher
load currents. On the other hand, inductor with smaller
DCR but the same inductance usually has a larger size.
The saturation current rating of the selected inductor
must be higher than the maximum peak inductor
current to be encountered and should be at least 20%
to 30% higher than the average inductor current at
maximum output current.
6.2
Input Capacitor to the Device
Supply
A ceramic capacitor of 1 µF or larger with low ESR is
recommended to reduce the input voltage ripple to
ensure a clean supply voltage for the device. The input
capacitor should be placed as close as possible to the
MIC2876 IN and AGND pins with short traces to ensure
good noise performance. X5R or X7R type ceramic
capacitors are recommended for better tolerance over
temperature. The Y5V and Z5U type temperature
rating ceramic capacitors are not recommended due to
their large reduction in capacitance over temperature
and increased resistance at high frequencies. The use
of these reduces their ability to filter out high-frequency
noise. The rated voltage of the input capacitor should
be at least 20% higher than the maximum operating
input voltage over the operating temperature range.
6.3
Input Capacitor to the Power Path
A ceramic capacitor of a 4.7 µF of larger with low ESR
is recommended to reduce the input voltage fluctuation
at the voltage supply of the high-current power path. An
input capacitor should be placed close to the VIN supply
to the power inductor and PGND for good device
performance at heavy load condition. X5R- or
X7R-type ceramic capacitors are recommended for
better tolerance over temperature.
The Y5V and Z5U type temperature rating ceramic
capacitors are not recommended due to their large
reduction in capacitance over temperature and
increased resistance at high frequencies. These
reduce their ability to filter out high-frequency noise.
The rated voltage of the input capacitor should be at
least 20% higher than the maximum operating input
voltage over the operating temperature range.
6.4
Output Capacitor
Output capacitor selection is also a trade-off between
performance, size, and cost. Increasing the output
capacitor will lead to an improved transient response;
however, the size and cost also increase. For operation
with VIN ≤ 5.0V, a minimum of 22 µF output capacitor
with ESR less than 10 mΩ is required. For operation
with VIN > 5.0V, a minimum of 66 µF output capacitor
with ESR less than 10 mΩ is required. X5R or X7R type
ceramic capacitors are recommended for better
tolerance over temperature. Additional capacitors can
be added to improve the transient response, and to
reduce the ripple of the output when the MIC2876
operates in and out of bypass mode.
The Y5V and Z5U type ceramic capacitors are not
recommended due to their wide variation in
capacitance
over
temperature
and
increased
resistance at high frequencies. The rated voltage of the
output capacitor should be at least 20% higher than the
maximum operating output voltage over the operating
temperature range. 0805 size ceramic capacitor is
recommended for smaller ESL at output capacitor
which contributes smaller voltage spike at the output
voltage of high-frequency switching boost converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com