Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2876 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC2876
Description  4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2876 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC2876 Datasheet HTML 7Page - Microchip Technology MIC2876 Datasheet HTML 8Page - Microchip Technology MIC2876 Datasheet HTML 9Page - Microchip Technology MIC2876 Datasheet HTML 10Page - Microchip Technology MIC2876 Datasheet HTML 11Page - Microchip Technology MIC2876 Datasheet HTML 12Page - Microchip Technology MIC2876 Datasheet HTML 13Page - Microchip Technology MIC2876 Datasheet HTML 14Page - Microchip Technology MIC2876 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
 2016 Microchip Technology Inc.
DS20005572A-page 11
MIC2876
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Fixed Output
Pin Number
Adj. Output
Pin Name
Description
1
1
SW
Boost Converter Switch Node: Connect the inductor between IN
and SW pins.
2
2
PGND
Power Ground: The power ground for the synchronous boost
DC/DC converter power stage.
3
3
IN
Supply Input: Connect at least 1 µF ceramic capacitor between IN
and AGND pins.
4
4
AGND
Analog Ground: The analog ground for the regulator control loop.
5
—
OUTS
Output Voltage Sense Pin: For output voltage regulation in fixed
voltage version. Connect to the boost converter output.
—
5
FB
Feedback Pin: For output voltage regulation in adjustable version.
Connect to the feedback resistor divider.
6
6
EN
Boost Converter Enable: When this pin is driven low, the IC enters
shutdown mode. The EN pin has an internal 2.5 MΩ pull-down
resistor. The output is disabled when this pin is left floating.
7
7
/PG
Open Drain Power Good Output (Active Low): The /PG pin is high
impedance when the output voltage is below the power good
threshold and becomes low once the output is above the power
good threshold. The /PG pin has a typical RDS(ON) = 90Ω and
requires a pull up resistor of 1 MΩ. Connect /PG pin to AGND when
the /PG signal is not used.
8
8
OUT
Boost Converter Output.
EP
EP
ePad
Exposed Heat Sink Pad. Connect to AGND for best thermal
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com