Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2876 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC2876
Description  4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2876 Datasheet(HTML) 4 Page - Microchip Technology

  MIC2876 Datasheet HTML 1Page - Microchip Technology MIC2876 Datasheet HTML 2Page - Microchip Technology MIC2876 Datasheet HTML 3Page - Microchip Technology MIC2876 Datasheet HTML 4Page - Microchip Technology MIC2876 Datasheet HTML 5Page - Microchip Technology MIC2876 Datasheet HTML 6Page - Microchip Technology MIC2876 Datasheet HTML 7Page - Microchip Technology MIC2876 Datasheet HTML 8Page - Microchip Technology MIC2876 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MIC2876
DS20005572A-page 4
 2016 Microchip Technology Inc.
TABLE 1-1:
ELECTRICAL CHARACTERISTICS
Electrical Characteristics:
VIN = 3.6V, VOUT = 5V, CIN = 4.7 µF, COUT = 22 µF, L = 1 µH, TA = 25°C, unless noted.
Bold
values are valid for –40°C ≤ TJ ≤ +125°C. (Note 1).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Power Supply
Supply Voltage Range
VIN
2.5
—
5.5
V—
UVLO Rising Threshold
VUVLOR
—2.32
2.49
V—
UVLO Hysteresis
VUVLOH
—200
—
mV
—
Quiescent Current
IVIN
—
109
—
µA
Non-switching
VIN Shutdown Current
IVINSD
—1
3
µA
VEN = 0V, VIN = 5.5V,
VOUT = 0V
VOUT Shutdown Current
IVOUTSD
—2
5
µA
VEN = 0V, VIN = 0.3V,
VOUT = 5.5V
Output Voltage
VOUT
VIN
—5.5
V
—
Feedback Voltage
VFB
0.8865
0.9
0.9135
V
Adjustable version, IOUT = 0A
Voltage Accuracy
—
–1.5
—
+1.5
%
Fixed version, IOUT = 0A
Line Regulation
—
—
0.3
—
%/V
2.5V < VIN < 4.5V,
IOUT = 500 mA
Load Regulation
—
—
0.2
—
%/A
IOUT = 200 mA to 1200 mA
Maximum Duty Cycle
DMAX
—92—
%
—
Minimum Duty Cycle
DMIN
—6.5
—
%
—
Low-Side Switch Current Limit
(Note 2)
ILS
3.8
4.8
5.8
AVIN = 2.5V
Switch On-Resistance
PMOS
—
79
—
mΩ
VIN = 3.0V, ISW = 200 mA,
VOUT = 5.0V
NMOS
—
82
—
VIN = 3.0V, ISW = 200 mA,
VOUT = 5.0V
Switch Leakage Current
ISW
—0.2
5
µA
VEN = 0V, VIN = 5.5V
Oscillator Frequency
FOSC
1.6
2
2.4
MHz
—
Overtemperature Shutdown
Threshold
TSD
—155
—
°C
—
Overtemperature Shutdown
Hysteresis
——
15
—
°C
—
Soft-Start
Soft-Start Time
TSS
—1.1
—
ms
VOUT = 5.0V
EN, /PG Control Pins
EN Threshold Voltage
VEN
1.5
—
—
V
Boost converter and chip logic
ON
——
0.4
Boost converter and chip logic
OFF
EN Pin Current
—
—
1.5
3
µA
VIN = VEN = 3.6V
Power Good Threshold (Rising)
V/PG-THR
—0.9 x
VOUT
—V
—
Note 1:
Specification for packaged product only.
2:
Guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com