Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML620Q151A Datasheet(PDF) 12 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q151A
Description  16-bit micro controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q151A Datasheet(HTML) 12 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML620Q151A Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
FEDL620Q150A-01
ML620Q151A/2A/3A/4A/5A/6A/7A/8A/9A
12/36
Primary function
Secondary function
Tertiary function
Quaternary function
48
Pin
No.
52
Pin
No.
64
Pin
No.
Pin
name
I/O
Description
Pin
name
I/O
De-
scription
Pin
name
I/O
De-
scription
Pin
name
I/O
De-
scription
ADC input
11
11
11
P34/
AIN4/
I/O
Input/output port /
Successive
approximation type
ADC input
⎯
⎯
⎯
PWM4
O
PWM4
output
⎯
⎯
⎯
12
12
12
P35/
AIN5/
I/O
Input/output port /
Successive
approximation type
ADC input
⎯
⎯
⎯
PWM5
O
PWM5
output
⎯
⎯
⎯
⎯
13
13
P36
I/O
Input/output port
LSCLK
O
Low-spe
ed clock
output
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
14
P37
I/O
Input/output port
OUTCLK
O
Low-spe
ed clock
output
⎯
⎯
⎯
⎯
⎯
⎯
13
14
17
P40/
CMP0M
I/O
Input/output port /
Comparator0
inverting input
SDA
I/O
I
2C data
input/ou
tput
SIN0
I
SSIO0
data
input
⎯
⎯
⎯
14
15
18
P41/
CMP0P
I/O
Input/output port /
Comparator0
non-inverting input
SCL
I/O
I
2C
clock
input/ou
tput
SCK0
I/O
SSIO0
synchron
ous
clock
input/out
put
⎯
⎯
⎯
15
16
19
P42/
AIN6
I/O
Input/output port /
Successive
approximation type
ADC input
RXD0
I
UART0
data
input
SOUT0
O
SSIO0
data
output
⎯
⎯
⎯
16
17
20
P43/
AIN7
I/O
Input/output port /
Successive
approximation type
ADC input
TXD0
O
UART0
data
output
PWM4
O
PWM4
output
TXD1
O
UART1
data
output
17
18
21
P44/
T0P4CK/
AIN8
I/O
Input/output port /
PWM4 external clock
input/
Successive
approximation type
ADC input
⎯
⎯
⎯
SIN0
I
SSIO0
data
input
⎯
⎯
⎯
18
19
22
P45/
T1P5CK/
AIN9
I/O
Input/output port /
PWM5 external clock
input/
Successive
approximation type
ADC input
⎯
⎯
⎯
SCK0
I/O
SSIO0
synchron
ous
clock
input/out
put
⎯
⎯
⎯
19
20
23
P46/
T16CK0/
AIN10
I/O
Input/output port /
Timer8,A /
PWM6 external clock
input /
Successive
approximation
type
ADC input
⎯
⎯
⎯
SOUT0
O
SSIO0
data
output
⎯
⎯
⎯
20
21
24
P47/
T16CK1/
AIN11
I/O
Input/output port /
Timer9,B /
PWM7 external clock
input /
Successive
approximation
type
ADC input
⎯
⎯
⎯
PWM5
O
PWM5
output
⎯
⎯
⎯
⎯
⎯
25
P50
I/O
Input/output port
SDA
I/O
I
2C data
input/ou
tput
SIN0
I
SSIO0
data
input
⎯
⎯
26
P51
I/O
Input/output port
SCL
I/O
I
2C
clock
input/ou
tput
SCK0
I/O
SSIO0
synchron
ous
clock
input/out
put
⎯
⎯
27
P52
I/O
Input/output port
RXD1
I
UART1
data
input
SOUT0
O
SSIO0
data
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com