Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML620Q151A Datasheet(PDF) 2 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q151A
Description  16-bit micro controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q151A Datasheet(HTML) 2 Page - LAPIS Semiconductor Co., Ltd.

  ML620Q151A Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
FEDL620Q150A-01
ML620Q151A/2A/3A/4A/5A/6A/7A/8A/9A
2/36
• Time base counter
−
Low-speed time base counter
× 1 channel
• Watchdog timer
− Generates a non-maskable interrupt upon the first overflow and a system reset occurs upon the second
− Free running
− Overflow period: 4 types selectable (125ms, 500ms, 2s, 8s @32.768kHz)
• Timers
− 8 bits × 2ch (16-bits configuration available × 1ch)
− 16 bits × 4ch
• PWM
− 16bits × 4ch
− The auto reload timer mode / PWM mode
− Timer start-stop function by the software and an external trigger.
− A pulse width can be measured using an external-trigger input.
− An external event can be selected as the counter clock.
− Complement synchronous PWM
• Synchronous serial port
− 1ch
− Master/slave selectable
− LSB first/MSB first selectable
− 8-bit length/16-bit length selectable
• UART
− Full-duplex × 1ch ( Half-duplex × 2ch )
− Bit length, parity/no parity, odd parity/even parity, 1 stop bit/2 stop bits
− Positive logic/negative logic selectable
− Built-in baud rate generator
• I2C bus interface
− Master function only
− Fast mode (400kbit/s), Standard mode (100kbit/s)
• Successive approximation type A/D converter
− 10-bit A/D converter
− Input: 12ch (Maximum)
− Conversion time: 43us, 13.5µs per channel (conversion-time is selectable)
• Analog Comparator
− 1ch
− Edge for the interrupt and sampling function is selectable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com