Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML620Q151A Datasheet(PDF) 25 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q151A
Description  16-bit micro controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q151A Datasheet(HTML) 25 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML620Q151A Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
FEDL620Q150A-01
ML620Q151A/2A/3A/4A/5A/6A/7A/8A/9A
25/36
Measuring circuit 1
Measuring circuit 2
V
VIH
VIL
(
*2)
(
*1)
VDD
VREF
VDDL
VSS
(*1) Input logic circuit to determine the specified measuring conditions.
(*2) Measured at the specified output pins.
A
VDD VREF
VDDL
CL
CV
32.768kHz
crystal
CGL
CDL
XT0
XT1
CGH
VSS
CV
:
2.2µF
CL
:
2.2µF
CGL
:
12pF
CDL
:
12pF
32.768kHz Crystal oscillator
(DT-26 DAISHINKU Corp.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com