Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML620Q151A Datasheet(PDF) 30 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q151A
Description  16-bit micro controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q151A Datasheet(HTML) 30 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML620Q151A Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 34Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
FEDL620Q150A-01
ML620Q151A/2A/3A/4A/5A/6A/7A/8A/9A
30/36
AC Characteristics (I2C Bus Interface: Standard Mode 100kHz)
(VDD=1.8 to 5.5V, VSS =0V, Ta=−40 to +105°C, unless otherwise specified)
Rating
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
SCL clock frequency
fSCL
⎯
0
⎯
100
kHz
SCL hold time
(start/restart condition)
tHD:STA
⎯
4.0
⎯
⎯
µs
SCL ”L” level time
tLOW
⎯
4.7
⎯
⎯
µs
SCL ”H” level time
tHIGH
⎯
4.0
⎯
⎯
µs
SCL setup time
(restart condition)
tSU:STA
⎯
4.7
⎯
⎯
µs
SDA hold time
tHD:DAT
⎯
0
⎯
⎯
µs
SDA setup time
tSU:DAT
⎯
0.25
⎯
⎯
µs
SDA setup time
(stop condition)
tSU:STO
⎯
4.0
⎯
⎯
µs
Bus-free time
tBUF
⎯
4.7
⎯
⎯
µs
AC Characteristics (I2C Bus Interface: Fast Mode 400kHz)
(VDD=1.8 to 5.5V, VSS =0V, Ta=−40 to +105°C, unless otherwise specified)
Rating
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
SCL clock frequency
fSCL
⎯
0
⎯
400
kHz
SCL hold time
(start/restart condition)
tHD:STA
⎯
0.6
⎯
⎯
µs
SCL ”L” level time
tLOW
⎯
1.3
⎯
⎯
µs
SCL ”H” level time
tHIGH
⎯
0.6
⎯
⎯
µs
SCL setup time
(restart condition)
tSU:STA
⎯
0.6
⎯
⎯
µs
SDA hold time
tHD:DAT
⎯
0
⎯
⎯
µs
SDA setup time
tSU:DAT
⎯
0.1
⎯
⎯
µs
SDA setup time
(stop condition)
tSU:STO
⎯
0.6
⎯
⎯
µs
Bus-free time
tBUF
⎯
1.3
⎯
⎯
µs
SCL
SDA
Start
condition
Restart
condition
Stop
condition
tBUF
tHD:STA
tLOW
tHIGH
tSU:STA tHD:STA
tSU:DAT
tHD:DAT
tSU:STO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com