Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML620Q151A Datasheet(PDF) 4 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q151A
Description  16-bit micro controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q151A Datasheet(HTML) 4 Page - LAPIS Semiconductor Co., Ltd.

  ML620Q151A Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
FEDL620Q150A-01
ML620Q151A/2A/3A/4A/5A/6A/7A/8A/9A
4/36
• Package
Product
Package
ML620Q151A/ML620Q152A/ML620Q153A
48pinTQFP (P-TQFP48-0707-0.50-QK)
ML620Q154A/ML620Q155A/ML620Q156A
52pinTQFP (P-TQFP52-1010-0.65-TK)
ML620Q157A/ML620Q158A/ML620Q159A
64pinQFP (P-QFP64-1414-0.80-UK)
• Guaranteed operating range
− Operating temperature: −40°C to +105°C
− Operating voltage: V
DD = 1.8V to 5.5V
The difference point of this LSI is shown below.
function
ML620Q151A/152A/153A
ML620Q154A/155A/156A
ML620Q157A/158A/159A
Shipment
48pinTQFP
52pinTQFP
64pinQFP
flash capacity
(program area)
32Kbyte(ML620Q151A)
48Kbyte(ML620Q152A)
52Kbyte(ML620Q153A)
32Kbyte(ML620Q154A)
48Kbyte(ML620Q155A)
52Kbyte(ML620Q156A)
32Kbyte(ML620Q157A)
48Kbyte(ML620Q158A)
52Kbyte(ML620Q159A)
maskable interrupt
27
28
28
Input-only port
(At the case of crystal unused)
6
7
7
P05 port
−
Available
Available
Input/output port
(At the case of crystal unused)
31
34
46
P36,P53,P64 ports
−
Available
Available
P37 port
−
−
Available
P50~P52 ports
−
−
Available
P65~P67 ports
−
−
Available
P70~P74 ports
−
−
Available
−
:none



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com