Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344C Datasheet(PDF) 1 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 1 Page - LAPIS Semiconductor Co., Ltd.

  ML7344C Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 154 page
background image
FEDL7344C/E/J-05
Issue Date: Jan 20, 2015
ML7344C/E/J
Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
1/154
■Overview
ML7344C/E/J is a narrow band sub-GHz IC that integrates RF part, IF part, MODEM part and HOST interface
part in single-chip. It supports various frequency band from 160MHz to 510MHz. ML7344C can output 100mW
(20dBm) transimittion power and it suits for the smart-meter in Chinese market. ML7344E is suitable for Fmode
(434MHz) or N mode (169MHz) of Wireless M-Bus system. ML7344J is suitable for security radio system type III
or IV of the RCR STD-30 and specified low-power radio station in 426 MHz operation of the ARIB STD-T67.
ML7406 and ML7344 have the same package, pins assignment and
major registers.
1
10
100
1000
Frequency [MHz]
250
500
750
0
ML7406 series
RF: 750MHz to 960MHz
Rate: 1.2kbps to 500kbps (FSK/GFSK)
Channel Spacing: 100 kHz to 1.6MHz
Wireless M-Bus
IEEE802.15.4g (FEC not supported)
ARIB STD-T108
1000
ML7344 series
RF: 160MHz to 510MHz
Rate: 1.2kbps to 15kbps (FSK/GFSK)
Channel Spacing: 25 kHz
Wireless M-Bus
ARIB STD-T67
ML7406 series
ML7344 series
(32pin WQFN)
ARIB
STD T67
(426/429
MHz)
Wireless
M-Bus
(868MHz)
Wireless
M-Bus
(169MHz)
IEEE802.15.4g
(780 to 960MHz)


Similar Part No. - ML7344C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7344C ETC2-ML7344C Datasheet
1Mb / 151P
Sub-GHz band short range wireless transceiver IC
More results

Similar Description - ML7344C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13190 MOTOROLA-MC13190 Datasheet
505Kb / 15P
2.4 GHz Short-Range, Low-Power Transceiver
logo
Renesas Technology Corp
REJ03F0087-0100Z RENESAS-REJ03F0087-0100Z Datasheet
445Kb / 28P
RF Transceiver for Short-range Wireless
logo
List of Unclassifed Man...
ML7344C ETC2-ML7344C Datasheet
1Mb / 151P
Sub-GHz band short range wireless transceiver IC
ML7386 ETC2-ML7386 Datasheet
448Kb / 41P
Sub GHz band wireless transmitter IC
logo
LAPIS Semiconductor Co....
ML7396A LAPIS-ML7396A Datasheet
1Mb / 140P
Sub GHz band short range wireless transceiver IC
logo
NIHON DEMPA KOGYO
WFC11B0922CG NDK-WFC11B0922CG Datasheet
365Kb / 1P
For Short-range Wireless
WFD79C0925FG NDK-WFD79C0925FG_18 Datasheet
877Kb / 1P
For Short-range Wireless
WFC93B0429CL NDK-WFC93B0429CL_18 Datasheet
835Kb / 1P
For Short-range Wireless
WFC30B0924FF NDK-WFC30B0924FF_18 Datasheet
833Kb / 1P
For Short-range Wireless
WFC11B0922CG NDK-WFC11B0922CG_18 Datasheet
764Kb / 1P
For Short-range Wireless
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com