Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344C Datasheet(PDF) 47 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 47 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 43Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 44Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 45Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 46Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 47Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 48Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 49Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 50Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 51Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
47/154
[RX]
i)
L-field (Length) is read from [RX_PKT_LEN_H: B0 0x7D], [RX_PKT_LEN_L: B0 0x7E] registers.
ii) Reading RX data from FIFO. When reading from RX_FIFO, set FIFO_R_SEL([FIFO_SET: B0
0x78(0)])= 0b0. If FIFO_R_SEL=0b1 , TX_FIFO will be selected. Data usage value of RX_FIFO is
indicated by [RX_FIFO_LAST: B0 0x79] register.
NOTE:
1. If reading FIFO data is terminated before reading all data, STATE_CLR1 [STATE_CLR: B0 0x16(1)]
(RX FIFO pointer clear) must be issued. Otherwise If RX_FIFO is not cleared, the pointer controlling
FIFO data keeps the same status. Next RX data will not be processed in the FIFO properly.
For example, when RX_FIFO access error interrupt (INT[12] group2) is generated. This interrupt occurs
when RX_FIFO overrun (data received when no space in RX_FIFO) or underrun (reading empty
RX_FIFO).
2. If 1 packet data is kept in the RX_FIFO, next RX data will be overwritten.
IF TX/RX pack is larger than FIFO size, FIFO access can be controlled by FIFO-Full trigger or FIFO-Empty
trigger.
(1) TX_FIFO usage notification function
This function is to notice TX_FIFO usage to the MCU using interrupt (SINTN). If TX_FIFO usage
(un-transmitted data in TX_FIFO) exceed the Full level threshold set by [TXFIFO_THRH: B0 0x17] register,
interrupt will generate as FIFO-full interrupt (INT[5] group1). If TX_FIFO usage is smaller than Empty level
threshold set by [TXFIFO_THRL: B0 0x18] register, FIFO-Empty interrupt will generate as FIFO-Empty
interrout (INT[4] grou1). Interrupt signal (SINTN) can be output from GPIO* or EXT_CLK pin.
For output setting, please refer to [GPIO1_CTRL: B0 0x4E], [GPIO1_CTRL: B0 0x4F], [GPIO2_CTRL: B0
0x50], [GPIO3_CTRL: B0 0x51], [EXTCLK_CTRL: B0 0x52] registers for output setting.
Empty level
(Example 0x0F)
Full level
(Example 0x2E)
0x3F
Generate interrupt
when TX data
usage is smaller
than Empty level
[FIFO usage]
Time
Full level
Empty level
TX data amount
TX_FIFO usage
transition
0x0F
0x2E
SINTN signal
TX start timing by
FAST_TX trigger
Clear interrupt
0x00
Generate interrupt
when written Data
exceed Full level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com