Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344C Datasheet(PDF) 63 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 63 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 59Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 60Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 61Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 62Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 63Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 64Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 65Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 66Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 67Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
63/154
●Frequency Setting Function
●Channel frequency setting
Maximum 256 channels can be selected (CH#0 -CH#255) by the following resisters.
Frequency
Register
TX
[TXFREQ_I: B1 0x1B], [TXFREQ_FH: B1 0x1C], [TXFREQ_FM: B1 0x1D]
and [TXFREQ_FL: B1 0x1E]
CH#0 frequency
RX
[RXFREQ_I: B1 0x1F], [RXFREQ_FH: B1 0x20], [RXFREQ_FM: B1 0x21]
and [RXFREQ_FL: B1 0x22]
Channel space
-
[CH_SPACE_H: B1 0x23] and [CH_SPACE_L: B1 0x24]
Channel setting
-
[CH_SET: B0 0x09]
(1) Channel frequency setting overview
[Channel frequency setting]
Using above registers, channel frequency is defined as following formula.
Channel frequency = i) CH#0 frequency + ii) channel space * iii) channel setting
[Channel frequency allocation image]
Frequency
ii) channel space setting
i) CH#0 frequency setting
iii) channel setting
(setting Nth channel)
···
···
Channel No.
0
1
2
3
n
255
···
···



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com