Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344C Datasheet(PDF) 46 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 46 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 42Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 43Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 44Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 45Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 46Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 47Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 48Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 49Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 50Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
46/154
●FIFO control function
ML7344 has on-chip TX_FIFO(64Byte) and RX_FIFO(64Byte). As TX/RX_FIFO do not support multiple
packets, packet should be processed one by one. If RX_FIFO keeps RX packet and next RX packet is received,
RX_FIFO will be overwritten. It applies to TX_FIFO as well. However TX FIFO access error interrupt
(INT[20] group3) will be generated. When receiving, RX data is stored in FIFO (byte by byte) and the host
MCU will read RX data through SPI. When transmitting, host MCU write TX data to TX_FIFO through SPI
and transmitting through RF.
Writing or reading to FIFO is through SPI with burst access. TX data is written to [WR_TX_FIFO: B0 0x7C]
register. RX data is read from [RD_FIFO: B0 0x7F] register. Continuous access increments internal FIFO
counter automatically. If FIFO access is suspended during write or read operation, address will be kept until the
packet will be process again. Therefore, when resuming FIFO access, next data will be resumed from the
suspended address.
FIFO control register are as follows:
Function
Register
TX FIFO Full level setting
[TXFIFO_THRH: B0 0x17]
TX FIFO Empty level setting
[TXFIFO_THRL: B0 0x18]
RX FIFO Full level setting
[RXFIFO_THRH: B0 0x19]
RX FIFO Empty level setting
[RXFIFO_THRL: B0 0x1A]
FIFO readout setting
[FIFO_SET: B0 0x78]
RX FIFO data usage status indication
[RX_FIFO_LAST: B0 0x79]
TX packet Length setting
[TX_PKT_LEN_H/L: B0 0x7A/7B]
RX packet Length setting
[RX_PKT_LEN_H/L: B0 0x7D/7E]
TX FIFO
[WR_TX_FIFO: B0 0x7C]
FIFO read
[RD_FIFO: B0 0x7F]
[TX]
i)
TX data L-field value is set to [TX_PKT_LEN_H: B0 0x7A], [TX_PKT_LEN_L: B0 0x7B] register. If
Length is 1 byte, [TX_PKT_LEN_L] register will be transmitted.
Length can be set to LENGTH_MODE([PKT_CTRL2: B0 0x05(0)]).
ii)
TX data is written to [WR_TX_FIFO:B0 0x7C] register.
NOTE:
1.
If TX_FIFO write sequence is aborted during transmission, STATE_CLR0 [STATE_CLR:B0 0x16(0)]
(TX FIFO pointer clear) must be issued. Otherwise data pointer is kept in the LSI and the next packet is
not processed properly.
For example, TX FIFO access error interrupt (INT[20] group3) is generated. This interrupt can be
generated when the next packet data is writren to the TX_FIFO before transmitting previous packet data or
FIFO overrun (FIFO is written when no TX_FIFO space) or underrun (attempt to transmit when TX_FIFO
is empty)
2.
Depending on the packet format, TX data Length value is different.
Format A: Length includs data area excluding L-field and CRC data.
Format B: Length includes data area excluding L-field.
Format C: Length includes data area excluding L-field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com