Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344C Datasheet(PDF) 49 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 49 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 45Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 46Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 47Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 48Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 49Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 50Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 51Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 52Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 53Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
49/154
(2) RX_FIFO usage notification function
This function is to notify remaining RX_FIFO by using interrupt (SINTN) to the MCU. If RX_FIFO usage
(un-read data in RX_FIFO) exceed Full level threshold defined by [RXFIFO_THRH: B0 0x19] register,
interrupt will generate as FIFO-Full interrupt (INT[5] group1). After MCU read RX data from RX_FIFO,
un-read amount become smaller than Empty level threshold defined by [RXFIFO_THRL: B0 0x1A] register,
interrupt will generated as FIFO-Empty (INT[4] group1). Interrupt signal (SINTN) can be output from GPIO*
or EXT_CLK.
For output setting, please refer to [GPIO1_CTRL: B0 0x4E], [GPIO1_CTRL: B0 0x4F], [GPIO2_CTRL: B0
0x50], [GPIO3_CTRL: B0 0x51], [EXTCLK_CTRL: B0 0x52] registers.
[Reference Sequence]:
1.
Set Full level threshold and Empy level threshold..Each threshold should set as RXFIFO_THRH[5:0]
([RXFIFO_THRH:B0 0x19(5-0)]) > RXFIFO_THRL[5:0] ([RXFIFO_THRL:B0 0x1A(5-0)]). And
enabling Full level threshold by RXFIFO_THRH_EN([RXFIFO_THRH:B0 0x19(7)=0b1.
2.
After issuing RX_ON, wait FIFO-Full interrupt (INT[5] group1) generation.
3.
After FIFO-Full interrupt is generated, Clear the interupt. Then disabling Full level threshold
(RXFIFO_THRH_EN=
0b0)
and
enabling
Empty
level
threshold
(RXFIFO_THRL_EN
([RXFIFO_THRL:B0 0x1A(7)])=0b1). And start reading RX data from RX_FIFO [RD_FIFO:B0
0x7F].
4.
After FIFO-Empty interrupt (INT[4] group1) is generated, Clear the interupt. Then disabling Empty
level threshold (TXFIFO_THRL_EN=0b0) and enabling Full level threshold (TXFIFO_THRH_
EN=0b1). Then resume writing TX data to the TX_FIFO until next FIFO-Full interrupt occurs.
5.
Repeat 3.-4. until completion of RX data read out.
NOTE:
When skip disabling threshold level at sequece 3. or 4., depending on RX data write (PHY block) and
RX_FIFO read timing through SPI, in the middle of RX_FIFO reading, unwiilling FIFO-Full interrupt or
FIFO-Empty interrupt may occurs.
Empty level
(Example 0x0F)
Full level
(Example 0x2E)
0x3F
Generate interrupt
when un-read data
amount is less than
Empty level after
read RX data from
RX FIFO.
[FIFO usage]
Time
Full level
Empty level
RX data amount
RX_FIFO usage
transition
0x0F
0x2E
SINTN signal
Clear interrupt
0x00
Generate interrupt
when RX Data
exceed Full level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com