Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRCP-RM Datasheet(PDF) 1 Page - Copal Electronics

Part # PRCP-RM
Description  Polymer Resettable Circuit Protectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PRCP-RM Datasheet(HTML) 1 Page - Copal Electronics

  PRCP-RM Datasheet HTML 1Page - Copal Electronics PRCP-RM Datasheet HTML 2Page - Copal Electronics PRCP-RM Datasheet HTML 3Page - Copal Electronics PRCP-RM Datasheet HTML 4Page - Copal Electronics PRCP-RM Datasheet HTML 5Page - Copal Electronics PRCP-RM Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Environmental Characteristics
Operating Temperature.................................-20 ºC to +85 ºC
Humidity Aging..............................................+85 ºC, 85 % R.H. 1000 h................................... ±20 % typical resistance change
Passive Aging ...............................................+85 ºC, 1000 h .................................................... ±20 % typical resistance change
Vibration........................................................MIL-STD-883C, Method 2007.1
Condition A
Solvent Resistance .......................................MIL-STD-202, Method 215.................................. No change
Test Procedures And Requirements For Model PRCP-RM Series
Item
Test Conditions
Accept/Reject Criteria
Visual/Mechanical......................................... Verify dimensions and material ...........................Per PRCP physical description
Resistance .................................................... In still air @ 23 ºC................................................Rmin ≤ R ≤ R1 max
Time to Trip.................................................... 240 Vac, specified current ..................................T ≤ maximum time to trip
Hold Current ................................................. At Ihold ................................................................No trip
Trip Cycle Life............................................... 240 Vac, Imax, 100 cycles ..................................No arcing or burning
Trip Endurance ............................................. a) 240 Vac, Imax, 24 h
................................No arcing or burning
b) 265 Vac, Imax, 30 min
Solderability .................................................. MIL-STD-202, Method 208..................................95 % minimum coverage
Electrical Characteristics
Model
Typical Current
Trip Limit
Vmax
Imax
Initial
Resistance
One Hour
Post-Trip
Resistance
Maximum
Time to Trip
Tripped
Power
Dissipation
Ihold
at 23 ºC
Itrip
at 23 ºC
Operating
Voltage
Interrupt
Voltage
Interrupt
Current
Rmin
at 23 ºC
R1 max
at 23 ºC
at 23 ºC
PD Typ.
at 23 ºC
(A)
(A)
(Vac)
(Vac)
(A)
(Ohms)
(Ohms)
(A)
(Sec.)
(W)
0.05
0.12
240
265
1.0
18.50
65.00
0.25
10.0
0.9
0.08
0.19
240
265
1.2
7.40
26.00
0.40
10.0
0.9
0.12
0.30
240
265
1.2
3.00
12.00
0.60
15.0
1.0
0.16
0.37
240
265
2.0
2.50
7.80
0.80
15.0
1.4
0.25
0.56
240
265
3.5
1.30
3.80
1.25
18.5
1.5
0.33
0.74
240
265
4.5
0.77
2.60
1.65
21.0
1.7
0.40
0.90
240
265
5.5
0.60
1.90
2.00
24.0
2.0
0.55
1.25
240
265
7.0
0.45
1.45
2.75
26.0
3.4
Features
■ Radial leaded devices
■ Cured, flame retardant epoxy polymer
insulating material meets UL94 V-0
requirements
■ Bulk packaging, tape and reel available
■
■
■
Applications
■ Food blenders, coeffe machines
■ HVAC
■ Electric fans, blowers
■ AC adaptors
PRCP-RM Series -
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
RM055
0220S
Polymer Resettable Circuit Protectors
PRCP-RM005/240
PRCP-RM008/240
PRCP-RM012/240
PRCP-RM016/240
PRCP-RM025/240
PRCP-RM033/240
PRCP-RM040/240
PRCP-RM055/240
C
Resettable circuit protection
Agency recognition:
RoHS compliant* and halogen free**
UL File Number..................................... E300792
TÜV Certificate Number........................ R50276278
**COPAL follows the prevailing definition of “halogen free” in the industry.COPAL considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less;
(b) the Cholrine(Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
No change
..........................


Similar Part No. - PRCP-RM

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PRCP-R COPAL-PRCP-R Datasheet
1Mb / 7P
Polymer Resettable Circuit Protectors
PRCP-R005 COPAL-PRCP-R005 Datasheet
1Mb / 7P
Polymer Resettable Circuit Protectors
PRCP-R010 COPAL-PRCP-R010 Datasheet
1Mb / 7P
Polymer Resettable Circuit Protectors
PRCP-R017 COPAL-PRCP-R017 Datasheet
1Mb / 7P
Polymer Resettable Circuit Protectors
PRCP-R020 COPAL-PRCP-R020 Datasheet
1Mb / 7P
Polymer Resettable Circuit Protectors
More results

Similar Description - PRCP-RM

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CR-CP COPAL-CR-CP Datasheet
286Kb / 2P
CERAMIC RESETTABLE CIRCUIT PROTECTORS
PRCP-MSMF COPAL-PRCP-MSMF Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-NSMF COPAL-PRCP-NSMF Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-PSMF COPAL-PRCP-PSMF Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-R COPAL-PRCP-R Datasheet
1Mb / 7P
Polymer Resettable Circuit Protectors
PRCP-RHT COPAL-PRCP-RHT Datasheet
979Kb / 5P
Polymer Resettable Circuit Protectors
PRCP-RX72 COPAL-PRCP-RX72 Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-SM COPAL-PRCP-SM Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-SMDF COPAL-PRCP-SMDF Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-USMF COPAL-PRCP-USMF Datasheet
957Kb / 5P
Polymer Resettable Circuit Protectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com