Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRCP-RM Datasheet(PDF) 4 Page - Copal Electronics

Part # PRCP-RM
Description  Polymer Resettable Circuit Protectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PRCP-RM Datasheet(HTML) 4 Page - Copal Electronics

  PRCP-RM Datasheet HTML 1Page - Copal Electronics PRCP-RM Datasheet HTML 2Page - Copal Electronics PRCP-RM Datasheet HTML 3Page - Copal Electronics PRCP-RM Datasheet HTML 4Page - Copal Electronics PRCP-RM Datasheet HTML 5Page - Copal Electronics PRCP-RM Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
( .012)
(PRCP-RM055/240)
(PRCP-RM025/240~PRCP-RM055/240)
IEC
EIA
Dimensions
Tolerance
Dimensions
Mark
Mark
Dimensions Description
Carrier tape width
W
W
18
-0.5/+1.0
Hold down tape width
W0
W4
11
minimum
Hold down tape
No protrusion
Top distance between tape edges
W2
W6
3
maximum
Sprocket hole position
W1
W5
9
-0.5/+0.75
Sprocket hole diameter
D0
D0
4
±0.2
H
H
18.5
±3.0
H0
H0
16
±0.5
H1
H1
32.2
maximum
H1
H1
45.0
maximum
C1
43.2
maximum
C1
56.0
maximum
C2
42.5
maximum
C2
56.0
maximum
Lead protrusion
I1
L1
1.0
maximum
Protrusion of cutout
L
L
11
maximum
Protrusion beyond hold-down tape
I2
I2
Not specified
Sprocket hole pitch
P0
P0
12.7
±0.3
Pitch tolerance
20 consecutive
±1
12.7
±0.3
25.4
±0.6
Tape thickness
t
t
0.9
maximum
t1
1.5
maximum
t1
2.3
maximum
Splice sprocket hole alignment
0
±0.3
Body lateral deviation
∆h
∆h
0
±1
Body tape plane deviation
∆p
∆p
0
±0.3
Lead seating plane deviation
∆P1
P1
3.81
±0.7
Lead spacing
F
F
5.08
+0.8/-0.5
Devices taped using EIA468‒B/IEC60286-2 standards. See table below and Figures 1 and 2 for details.
DIMENSIONS:
MM
(INCHES)
PRCP-RM Series - Polymer Resettable Circuit Protectors
COPAL ELECTONICS
(PRCP-RM025/240~PRCP-RM055/240)
(PRCP-RM005/240~PRCP-RM016/240)
(PRCP-RM005/240~PRCP-RM016/240)
(PRCP-RM005/240~PRCP-RM016/240)
(PRCP-RM005/240~PRCP-RM016/240)
(PRCP-RM025/240~PRCP-RM055/240)
(PRCP-RM025/240~PRCP-RM055/240)
(PRCP-RM005/240~PRCP-RM040/240)
(PRCP-RM005/240~PRCP-RM040/240)
(.709)
(-0.02/+.039)
(.433)
(.118)
(.354)
(1.772)
(1.268)
(.63)
(.728)
(.157)
(1.701)
(.039)
(2.205)
(1.673)
(2.205)
(-0.02/+0.03)
( 0.79)
( .118)
( .02)
(.433)
( .012)
( .012)
( .012)
( .039)
( .039)
( .028)
(+.031/-.020)
(.500)
(.500)
(1.00)
(0.35)
(.059)
(.091)
(.015)
(.200)
( .024)
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
(PRCP-RM055/240)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com