Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRCP-RM Datasheet(PDF) 3 Page - Copal Electronics

Part # PRCP-RM
Description  Polymer Resettable Circuit Protectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PRCP-RM Datasheet(HTML) 3 Page - Copal Electronics

  PRCP-RM Datasheet HTML 1Page - Copal Electronics PRCP-RM Datasheet HTML 2Page - Copal Electronics PRCP-RM Datasheet HTML 3Page - Copal Electronics PRCP-RM Datasheet HTML 4Page - Copal Electronics PRCP-RM Datasheet HTML 5Page - Copal Electronics PRCP-RM Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PRCP-RM SERIES, REV.E, 12/22
How to Order
PRCP - RM 005 / 240 - 2
Product Designator
Series
RM = Radial Leaded
Component
Hold Current, I
Operating Voltage, Vmax
V
240 = 240 Vac
Packaging Options
- 0 = Bulk Packaging
- 2 = Tape and Reel
Typical Time to Trip at 23 ºC
100
10
1
0.1
0.1
Fault Current (A)
1
1
0
A = PRCP-RM005/240
B = PRCP-RM008/240
C = PRCP-RM012/240
D = PRCP-RM016/240
E = PRCP-RM025/240
F = PRCP-RM033/240
G = PRCP-RM040/240
H = PRCP-RM055/240
A
B C
D
E
F G H
PRCP-RM Series - Polymer Resettable Circuit Protectors COPAL ELECTRONICS
005-055 (0.05 A-0.55 A)
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com