Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRCP-RM Datasheet(PDF) 5 Page - Copal Electronics

Part # PRCP-RM
Description  Polymer Resettable Circuit Protectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PRCP-RM Datasheet(HTML) 5 Page - Copal Electronics

  PRCP-RM Datasheet HTML 1Page - Copal Electronics PRCP-RM Datasheet HTML 2Page - Copal Electronics PRCP-RM Datasheet HTML 3Page - Copal Electronics PRCP-RM Datasheet HTML 4Page - Copal Electronics PRCP-RM Datasheet HTML 5Page - Copal Electronics PRCP-RM Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
t
User direction of feed
Cross section A - B
∆p
∆p
H
H1
Reference plane
W0
H0
W1
W
A
B
F
D0
P0
I1
I2
L
H1
P1
∆h
∆h
IEC
EIA
Dimensions
Tolerance
Dimensions
Mark
Mark
Dimensions Description
Reel width (PRCP-RM005/240~PRCP-RM040/240)
w
w2
56.0
maximum
(2.20)
Reel width (PRCP-RM055/240)
w
w2
63.5
maximum
(2.50)
Reel diameter
d
a
370.0
maximum
(14.57)
Space betweenflanges (PRCP-RM005/240~PRCP-RM040/240)
h
w1
48.0
maximum
(1.89)
Space betweenflanges (PRCP-RM055/240)
h
w1
55.0
maximum
(2.17)
Arbor hole diameter
f
c
26.0
±12.0
(1.02)
(±.472)
Core diameter
h
n
91.0
maximum
(3.58)
Box
Consecutive missing places
3
maximum
Empty places per reel
0.1 %
maximum
Taped Component Dimensions - Figure 1
Reel Dimensions - Figure 2
h
w
h
f
d
Reel
Upper side
Tape
Lower side
User
direction
of
feed
DIMENSIONS:
MM
(INCHES)
PRCP-RM Series - Polymer Resettable Circuit Protectors COPAL ELECTONICS
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
62
355
345
maximum
(2.44) (14.0) (13.6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com