Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRCP-RM Datasheet(PDF) 2 Page - Copal Electronics

Part # PRCP-RM
Description  Polymer Resettable Circuit Protectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PRCP-RM Datasheet(HTML) 2 Page - Copal Electronics

  PRCP-RM Datasheet HTML 1Page - Copal Electronics PRCP-RM Datasheet HTML 2Page - Copal Electronics PRCP-RM Datasheet HTML 3Page - Copal Electronics PRCP-RM Datasheet HTML 4Page - Copal Electronics PRCP-RM Datasheet HTML 5Page - Copal Electronics PRCP-RM Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Product Dimensions
Advantages
■ Resettable feature with overtemperature and overcurrent protection
can save expensive components from having to be replaced after
■ Faster than bimetallic switch designs that take on average
approximately 30 seconds to cool down and reset
■ Generally lower electromagnetic interference than bimetallic switches
Benefits
■
■
■
Model
A
B
C
D
E
Physical Characteristics
Max.
Max.
Nom.
Tol. ±
Min.
Max.
Style
Lead Dia.
Material
PRCP-RM005/240
1
Sn/Cu
PRCP-RM008/240
1
Sn/Cu
PRCP-RM012/240
1
Sn/Cu
PRCP-RM016/240
1
Sn/Cu
PRCP-RM025/240
2
Sn/Cu
PRCP-RM033/240
2
Sn/Cu
PRCP-RM040/240
2
Sn/Cu
PRCP-RM055/240
2
Sn/Cu
Packaging options:
BULK: 500 pcs. per bag.
.
D
B
E
LEAD
DIA.
C
A
D
B
E
LEAD
DIA.
C
A
Typical Part Marking
Represents total content. Layout may vary.
RM055
0220S
MANUFACTURER'S
TRADEMARK
PART
IDENTIFICATION
DATE CODE
(FIRST DIGIT =
LAST DIGIT OF YEAR;
NEXT THREE DIGITS =
DAY OF YEAR)
COUNTRY OF
MANUFACTURE
(S = CHINA)
Thermal Derating Chart - Ihold(Amps)
Model
Ambient Operating Temperature
-20 ºC
0 ºC
23 ºC
40 ºC
50 ºC
60 ºC
70 ºC
85 ºC
PRCP-RM005/240
PRCP-RM008/240
PRCP-RM012/240
PRCP-RM016/240
PRCP-RM025/240
PRCP-RM033/240
PRCP-RM040/240
PRCP-RM055/240
Style 1
Style 2
DIMENSIONS:
MM
(INCHES)
PRCP-RM Series - Polymer Resettable Circuit Protectors COPAL ELECTRONICS
0.08
0.12
0.18
0.24
0.38
0.50
0.61
0.80
0.06
0.10
0.15
0.20
0.32
0.42
0.51
0.68
0.05
0.08
0.12
0.16
0.25
0.33
0.40
0.55
0.04
0.07
0.10
0.13
0.21
0.27
0.33
0.46
0.04
0.06
0.09
0.11
0.18
0.23
0.28
0.40
0.03
0.05
0.07
0.10
0.15
0.20
0.24
0.35
0.03
0.04
0.06
0.08
0.13
0.17
0.20
0.29
0.02
0.03
0.04
0.05
0.09
0.11
0.14
0.22
8.3
(0.327)
12.9
(0.508)
5.1
(0.201)
0.7
(0.028)
7.6
(0.299)
3.8
(0.150)
8.3
(0.327)
12.9
(0.508)
5.1
(0.201)
0.7
(0.028)
7.6
(0.299)
3.8
(0.150)
8.3
(0.327)
12.9
(0.508)
5.1
(0.201)
0.7
(0.028)
7.6
(0.299)
3.8
(0.150)
9.9
(0.390)
13.8
(0.543)
5.1
(0.201)
0.7
(0.028)
7.6
(0.299)
3.8
(0.150)
11.5
(0.453)
20.9
(0.823)
5.1
(0.201)
0.7
(0.028)
7.6
(0.299)
3.8
(0.150)
14.0
(0.551)
22.4
(0.882)
5.1
(0.201)
0.7
(0.028)
7.6
(0.299)
4.1
(0.161)
10.0
(0.394)
20.0
(0.787)
5.1
(0.201)
0.7
(0.028)
7.6
(0.299)
3.8
(0.150)
11.4
(0.449)
20.0
(0.787)
5.1
(0.201)
0.7
(0.028)
7.6
(0.299)
3.8
(0.150)
0.51
(0.020)
0.51
(0.020)
0.51
(0.020)
0.51
(0.020)
0.65
(0.026)
0.65
(0.026)
0.65
(0.026)
0.81
(0.032)
TAPE&REEL: 2000 pcs. per reel (PRCP-RM005/240~PRCP-RM040/24); 1000 pcs. per reel (PRCP-RM055/240)
0.51(24AWG)
0.65(22AWG)
0.81(20AWG)
c
tripping, e.g., transformers with built in thermal fuses
Reduced repair and replacement costs
Reduced nuisance tripping
Combined overcurrent and overtemperature protector in one device
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com